Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8654ETX Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8654ETX
Description  12V, 8A 1.2MHz Step-Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8654ETX Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8654ETX Datasheet HTML 5Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 6Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 7Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 8Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 9Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 10Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 11Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 12Page - Maxim Integrated Products MAX8654ETX Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
12V, 8A 1.2MHz
Step-Down Regulator
_______________________________________________________________________________________
9
EN
VL
CONTROL
LOGIC
BST
VP
ILIM
FREQ
SYNC
PWRGD
GND
IN
COMP
PWM
COMPARATOR
SS
FB
REFIN
PGND
VDL
MAX8654
SYNCOUT
OSCILLATOR
ERROR
AMPLIFIER
0.54V
REFIN
90% REFIN
FB
SHUTDOWN
CONTROL
UVLO
CIRCUITRY
THERMAL
SHUTDOWN
BIAS
GENERATOR
VL
REG
VDL
REG
ILIM
THRESHOLD
VOLTAGE
REFERENCE
SOFT-START
COMP LOW
DETECTOR
LX
LX
LX
CURRENT-LIMIT
COMPARATOR
BST CAPACITOR
CHARGING SWITCH
SHDN
1VP-P
Block Diagram


Similar Part No. - MAX8654ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654ETX MAXIM-MAX8654ETX Datasheet
220Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator Operates from 4.5V to 14V Supply
Rev 3; 6/11
MAX8654ETX++ MAXIM-MAX8654ETX+ Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
More results

Similar Description - MAX8654ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654 MAXIM-MAX8654_09 Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
MAX8654 MAXIM-MAX8654_11 Datasheet
220Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator Operates from 4.5V to 14V Supply
Rev 3; 6/11
logo
Global Mixed-mode Techn...
G5698 GMT-G5698 Datasheet
71Kb / 1P
   1.2MHz, 1.2A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM3412 HMSEMI-HM3412 Datasheet
2Mb / 10P
   6V 6.0A 1.2MHz Synchronous Step-Down Regulator
logo
Linear Technology
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
   1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTM4608AEV LINER-LTM4608AEV Datasheet
1Mb / 6P
   8A Step-Down Power 關Module짰 Regulator
logo
Exar Corporation
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
   8A and 12A Synchronous Step Down COT Regulator
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com