Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2004-02-672.1600 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # M2004-02-672.1600
Description  Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2004-02-672.1600 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button M2004-02-672.1600 Datasheet HTML 2Page - Integrated Circuit Systems M2004-02-672.1600 Datasheet HTML 3Page - Integrated Circuit Systems M2004-02-672.1600 Datasheet HTML 4Page - Integrated Circuit Systems M2004-02-672.1600 Datasheet HTML 5Page - Integrated Circuit Systems M2004-02-672.1600 Datasheet HTML 6Page - Integrated Circuit Systems M2004-02-672.1600 Datasheet HTML 7Page - Integrated Circuit Systems M2004-02-672.1600 Datasheet HTML 8Page - Integrated Circuit Systems M2004-02-672.1600 Datasheet HTML 9Page - Integrated Circuit Systems M2004-02-672.1600 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
M2004-02
Preliminary Specifications
7
Micro Networks
An Integrated Circuit Systems Company
INPUT FREQUENCY CHARACTERISTICS
LVPECL DC CHARACTERISTICS
Symbol
Parameter
Signal
Min
Max
Units
V
OH
Output High Voltage: Note 1
FOUT, nFOUT
V
DD – 1.4
Vcc – 1.0
V
V
OL
Output Low Voltage: Note 1
FOUT, nFOUT
V
DD – 2.0
Vcc – 1.7
V
V
SWING
Peak-to-Peak Output Voltage Swing
FOUT, nFOUT
0.6
0.85
V
Note 1: Output terminated with 50Ω to V
DD–2.V
Symbol
Parameter
Test Conditions
Min
Max
Units
F
IN
Input Frequency
DIF_REF
10
175
MHz
nDIF_REF
10
175
MHz
V
CC = 3.3V±5%, TA = 0°C to 70°C
AC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
F
OUT
Output Frequency
38.88
667
MHz
ØNOISE
Single Side Band
1kHz offset
-72
dBc/Hz
Phase Noise
10kHz offset
-94
dBc/Hz
100kHz offset
-123
dBc/Hz
J (t)
Jitter (RMS)
12kHz to 20 MHz
0.69
ps
odc
Output Duty Cycle
50
%
t
R
Output Rise Time
FOUT = 155MHz
20% to 80%, each
350
450
550
ps
(Note 1)
for output pairs
FOUT = 311MHz
output of pair measured
325
425
500
ps
FOUT0, nFOUT0 &
FOUT= 622MHz
is terminated into 50Ω
200
275
350
ps
FOUT1, nFOUT1
load biased at Vcc-2V
t
F
Output Fall Time
FOUT = 155MHz
20% to 80%, each
350
450
550
ps
(Note 1)
for output pairs
FOUT = 311MHz
output of pair measured
325
425
500
ps
FOUT0, nFOUT0 &
FOUT = 622MHz
is terminated into 50Ω
200
275
350
ps
FOUT1, nFOUT1
load biased at Vcc-2V
t
LOCK
PLL Lock Time
1
ms
Note: The output frequencies of 155MHz, 311MHz and 622MHz were chosen for device characterization as these are common optical network clock frequencies.


Similar Part No. - M2004-02-672.1600

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2004-01 ICST-M2004-01 Datasheet
1Mb / 10P
   Frequency Synthesizer
M2004-01-622.0800 ICST-M2004-01-622.0800 Datasheet
1Mb / 10P
   Frequency Synthesizer
M2004-01-625.0000 ICST-M2004-01-625.0000 Datasheet
1Mb / 10P
   Frequency Synthesizer
M2004-01-627.3296 ICST-M2004-01-627.3296 Datasheet
1Mb / 10P
   Frequency Synthesizer
M2004-01-644.5313 ICST-M2004-01-644.5313 Datasheet
1Mb / 10P
   Frequency Synthesizer
More results

Similar Description - M2004-02-672.1600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com