Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPB150 Datasheet(PDF) 3 Page - Power-One

Part # MPB150
Description  Dual-Output AC-DC Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MPB150 Datasheet(HTML) 3 Page - Power-One

  MPB150 Datasheet HTML 1Page - Power-One MPB150 Datasheet HTML 2Page - Power-One MPB150 Datasheet HTML 3Page - Power-One MPB150 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPB150 Dual-Output AC-DC Series Data Sheet
APR 28, 2006 revised to JAN 24, 2007
Page 3 of 4
www.power-one.com
Safety, Regulatory, and EMI Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Agency Approvals
UL60950-1.
CSA 22.2 No. 60950-1.
(Approvals Pending)
EN60950 (TÜV).
IEC60950-1.
Dielectric Withstand Voltage
AC to chassis.
1500
VAC
Input to output.
3000
VDC
Electromagnetic Interference
EN55022 Conducted.
Class A
6
dB
ESD Susceptibility
Per EN61000-4-2, Level 4
8
kV
Flicker
Per EN61000-3-3.
Radiated Susceptibility
Per EN61000-4-3.
3
V/m
EFT/Burst
Per EN61000-4-4.
1
kV
Input Transient Protection
Per EN61000-4-5, Level 3, 2 kV (Line-to-Gnd) minimum, 1 kV (Line-to-Line) minimum.
RF Immunity
Per EN61000-4-6. 0.15 to 80 MHz (1 kHz sinewave)
3
V/m
Magnetic Fields
Per EN61000-4-8.
1
A/m
Voltage Dips
Per EN61000-4-11.
Insulation Resistance
Input to output.
10
M
Leakage Current
Per EN60950 (264 VAC)
1.0
mA
Environmental Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating
10K
ASL Feet
Non-Operating
50K
Operating Temperature
Derate linearly from 50 to 70°C to 50% power at 70°C.
At 100% load:
0
50
°C
MPB150 models will operate at -20°C, but will not meet all specifications.
Storage Temperature
-40
85
°C
Forced-Air Cooling
Forced-air cooling of 15 CFM is required for full output power. Air velocity
is measured with power supply mounted on 0.375" (9.5mm) standoffs.
Airflow direction is from the input section to the output section.
See Application Note for details.
Temperature Coefficient
Included in total regulation of outputs.
Relative Humidity
Non-Condensing.
5
85
%RH
Shock
Operating: 11 ±3ms, 3 axes, Half Sine.
15
Gpk
Non-operating: 11 ±3ms, 3 axes, Half Sine.
40
Vibration
Operating:
Random vibration, 5-500 Hz, 10 minutes each axis.
2.4
GRMS
Non-Operating: Random vibration, 5-500 Hz, 10 minutes each axis.
6.0
GRMS


Similar Part No. - MPB150

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPB15S03 MPD-MPB15S03 Datasheet
369Kb / 2P
   MPB-15S Series
MPB15S05 MPD-MPB15S05 Datasheet
369Kb / 2P
   MPB-15S Series
MPB15S09 MPD-MPB15S09 Datasheet
369Kb / 2P
   MPB-15S Series
MPB15S12 MPD-MPB15S12 Datasheet
369Kb / 2P
   MPB-15S Series
MPB15S15 MPD-MPB15S15 Datasheet
369Kb / 2P
   MPB-15S Series
More results

Similar Description - MPB150

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WRD-FWX-F-W ETA-USA-WRD-FWX-F-W Datasheet
1Mb / 3P
   120W AC/DC Dual Output
WRD24FWX-O ETA-USA-WRD24FWX-O Datasheet
1Mb / 4P
   100Watt AC/DC Dual Output
WRM-FWX-O ETA-USA-WRM-FWX-O Datasheet
777Kb / 3P
   15W AC/DC Dual Output
WRB24FWX-O ETA-USA-WRB24FWX-O Datasheet
1Mb / 4P
   50 Watt AC/DC Dual Output
WRD-X-F-W ETA-USA-WRD-X-F-W Datasheet
1Mb / 3P
   120 Watt AC/DC Dual Output
WRT24FWX-O ETA-USA-WRT24FWX-O Datasheet
678Kb / 5P
   30 Watt AC/DC Dual Output
DAC40-FWX ETA-USA-DAC40-FWX Datasheet
552Kb / 5P
   40 Watt AC/DC Dual Output
logo
Rohm
BP5081B15 ROHM-BP5081B15_10 Datasheet
1Mb / 4P
   Non-Isolated Dual-Output AC/DC Converter
logo
Chinfa Electronics Ind....
FDD01 CHINFA-FDD01_10 Datasheet
189Kb / 4P
   DC - AC CONCERTER 1W SINGLE & DUAL OUTPUT
FDD01 CHINFA-FDD01_14 Datasheet
168Kb / 4P
   DC - AC CONCERTER 1W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com