Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2605 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2605
Description  45MHz to 650MHz, Integrated IF VCOs with Differential Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2605 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2605 Datasheet HTML 1Page - Maxim Integrated Products MAX2605 Datasheet HTML 2Page - Maxim Integrated Products MAX2605 Datasheet HTML 3Page - Maxim Integrated Products MAX2605 Datasheet HTML 4Page - Maxim Integrated Products MAX2605 Datasheet HTML 5Page - Maxim Integrated Products MAX2605 Datasheet HTML 6Page - Maxim Integrated Products MAX2605 Datasheet HTML 7Page - Maxim Integrated Products MAX2605 Datasheet HTML 8Page - Maxim Integrated Products MAX2605 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
45MHz to 650MHz, Integrated IF
VCOs with Differential Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, VTUNE = 0.4V to 2.4V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +2.75V,
VTUNE = 1.5V, and TA = +25°C.) (Note1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
IND to GND ................................................-0.6V to (VCC + 0.3V)
TUNE to GND .............................................-0.3V to (VCC + 0.3V)
OUT+, OUT- to GND ..................................-0.3V to (VCC + 0.6V)
Continuous Power Dissipation (TA = +85°C)
6-Pin SOT23 (derate
8.7mW/°C above +70°C) ...........696mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
mA
MAX2609
TA = -40°C to +85°C
TA = +25°C
7.5
DC Output Current (Note 3)
0.5
1.0
1.5
OUT+ plus OUT-
TA = -40°C to +85°C
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
PARAMETER
MIN
TYP
MAX
UNITS
3.5
2.1
3.2
3.0
Supply Current (Note 2)
2.1
2.7
2.7
4.4
5.5
3.6
6.8
TUNE Input Current
0.03
nA
Supply Voltage
2.7
5.5
V
1.9
2.6
2.8
CONDITIONS
MAX2607
MAX2606
MAX2608
MAX2605
mA


Similar Part No. - MAX2605

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2605 MAXIM-MAX2605 Datasheet
161Kb / 6P
   MAX2605-MAX2609 Evaluation Kits
Rev 0; 9/00
MAX2605 MAXIM-MAX2605 Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2605EUT-T MAXIM-MAX2605EUT-T Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2605EUT-T MAXIM-MAX2605EUT-T Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2605EVKIT MAXIM-MAX2605EVKIT Datasheet
161Kb / 6P
   MAX2605-MAX2609 Evaluation Kits
Rev 0; 9/00
More results

Similar Description - MAX2605

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2607EUT MAXIM-MAX2607EUT Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2609EUT MAXIM-MAX2609EUT Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
Silicon Laboratories
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
logo
Texas Instruments
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
National Semiconductor ...
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com