Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0107 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # Z0107
Description  Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0107 Datasheet(HTML) 1 Page - NXP Semiconductors

  Z0107 Datasheet HTML 1Page - NXP Semiconductors Z0107 Datasheet HTML 2Page - NXP Semiconductors Z0107 Datasheet HTML 3Page - NXP Semiconductors Z0107 Datasheet HTML 4Page - NXP Semiconductors Z0107 Datasheet HTML 5Page - NXP Semiconductors Z0107 Datasheet HTML 6Page - NXP Semiconductors Z0107 Datasheet HTML 7Page - NXP Semiconductors Z0107 Datasheet HTML 8Page - NXP Semiconductors Z0107 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Z0103/07/09 series
Triacs
Rev. 02 — 12 September 2002
Product data
1.
Product profile
1.1 Description
Passivated triacs in conventional and surface mounting packages. Intended for use in
applications requiring high bidirectional transient and blocking voltage capability.
Available in a range of gate current sensitivities for optimum performance.
Product availability:
Z0103MA; Z0103NA; Z0107MA; Z0107NA; Z0109MA; Z0109NA in SOT54B
Z0103MN; Z0103NN; Z0107MN; Z0107NN; Z0109MN; Z0109NN in SOT223.
1.2 Features
1.3 Applications
2.
Pinning information
s Blocking voltage to 800 V (NA and NN
types)
s 1 A on-state RMS current.
s Home appliances
s Small motor control
s Fan controllers
s Small loads in industrial process
control.
Table 1:
Pinning - SOT54B (TO-92), SOT223, simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
terminal 2 (T2)
SOT54B
(TO-92)
SOT54B (TO-92)
SOT223
2
gate (G)
3
terminal 1 (T1)
1
terminal 1 (T1)
SOT223
2
terminal 2 (T2)
3
gate (G)
4
terminal 2 (T2)
1
3
2
MSB033
4
123
MSB002 - 1
Top view
MBL300
T2
T1
G


Similar Part No. - Z0107

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0107DA1AA2 STMICROELECTRONICS-Z0107DA1AA2 Datasheet
130Kb / 12P
   Standard 1A Triacs
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
74Kb / 8P
   1A TRIACS
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0107MA NXP-Z0107MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
ON Semiconductor
Z0107MA ONSEMI-Z0107MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results

Similar Description - Z0107

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com