Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAS30KBBE Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PXAS30KBBE
Description  XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBBE Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PXAS30KBBE Datasheet HTML 7Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 8Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 9Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 10Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 11Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 12Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 13Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 14Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
11
Reset
BIT FUNCTIONS AND ADDRESSES
SFR
NAME
Value
LSB
MSB
Address
DESCRIPTION
3AF
3AE
3AD
3AC
3AB
3AA
3A9
3A8
P5#*
Port 5
435
AD7/SDA
AD6/SCL
AD5
AD4
AD3
AD2
AD1
AD0
FFh
3B1
3B0
P6#*
Port 6
436
A23
A22
FFh
P0CFGA
Port 0 configuration A
470
Note 5
P1CFGA
Port 1 configuration A
471
Note 5
P2CFGA
Port 2 configuration A
472
Note 5
P3CFGA
Port 3 configuration A
473
Note 5
P4CFGA#
Port 4 configuration A
474
Note 5
P5CFGA#
Port 5 configuration A
475
Note 5
P6CFGA#
Port 6 configuration A
476
Note 5
P0CFGB
Port 0 configuration B
4F0
Note 5
P1CFGB
Port 1 configuration B
4F1
Note 5
P2CFGB
Port 2 configuration B
4F2
Note 5
P3CFGB
Port 3 configuration B
4F3
Note 5
P4CFGB#
Port 4 configuration B
4F4
Note 5
P5CFGB#
Port 5 configuration B
4F5
Note 5
P6CFGB#
Port 6 configuration B
4F6
Note 5
227
226
225
224
223
222
221
220
PCON*
Power control register
404
PD
IDL
00h
20F
20E
20D
20C
20B
20A
209
208
PSWH*
Program status word (high byte)
401
SM
TM
RS1
RS0
IM3
IM2
IM1
IM0
Note 2
207
206
205
204
203
202
201
200
PSWL*
Program status word (low byte)
400
C
AC
V
N
Z
Note 2
217
216
215
214
213
212
211
210
PSW51*
80C51 compatible PSW
402
C
AC
F0
RS1
RS0
V
F1
P
Note 3
RSTSRC#
Reset source register
463
R_WD
R_CMD
R_EXT
Note 7
RTH0
Timer 0 reload register, high byte
455
00h
RTH1
Timer 1 reload register, high byte
457
00h
RTL0
Timer 0 reload register, low byte
454
00h
RTL1
Timer 1 reload register, low byte
456
00h
307
306
305
304
303
302
301
300
S0CON*
Serial port 0 control register
420
SM0_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
00h
30F
30E
30D
30C
30B
30A
309
308
S0STAT#*
Serial port 0 extended status
421
ERR0
FE0
BR0
OE0
STINT0
00h
S0BUF
Serial port 0 data buffer register
460
xx
S0ADDR
Serial port 0 address register
461
00h
S0ADEN
Serial port 0 address enable
462
00h
327
326
325
324
323
322
321
320
S1CON*
Serial port 1 control register
424
SM0_1
SM1_1
SM2_1
REN_1
TB8_1
RB8_1
TI_1
RI_1
00H
32F
32E
32D
32C
32B
32A
329
328
S1STAT#*
Serial port 1 extended status
425
ERR1
FE1
BR1
OE1
STINT1
00h
S1BUF
Serial port 1 data buffer register
464
xx
S1ADDR
Serial port 1 address register
465
00h


Similar Part No. - PXAS30KBBE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXAS30KBBE PHILIPS-PXAS30KBBE Datasheet
281Kb / 52P
   XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
More results

Similar Description - PXAS30KBBE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
   XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
P80C31SBAA PHILIPS-P80C31SBAA Datasheet
263Kb / 38P
   80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V)
2000 Aug 07
logo
Fujitsu Component Limit...
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Fujitsu Component Limit...
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
logo
NXP Semiconductors
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
8XC51_8XC52 PHILIPS-8XC51_8XC52_15 Datasheet
263Kb / 38P
   80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V), lowpower, high speed (33 MHz), 128/256 B RAM
2000 Aug 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com