Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M63824GP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M63824GP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63824GP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M63824GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63824GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63824GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63824GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb.2003
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63824GP/KP
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
Clamping Diode Characteristics
400
300
200
100
0
0
0.5
1.0
1.5
2.0
500
Forward bias voltage VF (V)
Ta=25
°C
Ta=85
°C
Ta=–40
°C
1
2
3
4
5
67
Duty Cycle-Collector Characteristics
(M63824GP)
200
100
0
400
300
500
0
20
40
60
80
100
Duty cycle (%)
1
2
3
45
67
Duty Cycle-Collector Characteristics
(M63824GP)
200
100
0
400
300
500
0
20
40
60
80
100
Duty cycle (%)
1
2
3
4
56
7
Duty Cycle-Collector Characteristics
(M63824KP)
0
0
20
40
60
80
100
Duty cycle (%)
200
100
400
300
500
1
2
34
56
7
Duty Cycle-Collector Characteristics
(M63824KP)
0
0
20
40
60
80
100
Duty cycle (%)
200
100
400
300
500
Thermal Derating Factor Characteristics
1.0
0.8
0.2
0
0
25
50
75
100
M63824KP
M63824GP
85
0.416
0.312
0.4
0.6
Ambient temperature Ta (
°C)
•The collector current values
represent the current per circuit.
•Repeated frequencyy
≥ 10Hz
•The value the circle represents the
value of the simultaneously-operated circuit.
•Ta = 25
°C
•The collector current values
represent the current per circuit.
•Repeated frequencyy
≥ 10Hz
•The value the circle represents the
value of the simultaneously-operated circuit.
•Ta = 25
°C
•The collector current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value the circle represents the
value of the simultaneously-operated circuit.
•Ta = 85
°C
•The collector current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value the circle
represents the value
of the simultaneously
-operated circuit.
•Ta = 85
°C
TYPICAL CHARACTERISTICS


Similar Part No. - M63824GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63820KP MITSUBISHI-M63820KP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823FP MITSUBISHI-M63823FP Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823GP MITSUBISHI-M63823GP Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results

Similar Description - M63824GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63828WP MITSUBISHI-M63828WP Datasheet
72Kb / 6P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54525P MITSUBISHI-M54525P Datasheet
450Kb / 3P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54524P MITSUBISHI-M54524P Datasheet
108Kb / 3P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54525AGP MITSUBISHI-M54525AGP Datasheet
65Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54523P MITSUBISHI-M54523P Datasheet
47Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54526P MITSUBISHI-M54526P Datasheet
82Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63827WP MITSUBISHI-M63827WP Datasheet
72Kb / 6P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63826P MITSUBISHI-M63826P Datasheet
76Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com