Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M63816KP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M63816KP
Description  8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63816KP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M63816KP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63816KP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63816KP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63816KP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63816KP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Jan. 2000
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63816P/FP/KP
8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
Clamping Diode Characteristics
Forward bias voltage VF (V)
50
40
30
20
10
0
250
200
150
100
50
0
250
200
150
100
50
0
0
0.4
0.8
1.2
1.6
2.0
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
DC Amplification Factor
Collector Current Characteristics
Collector current Ic (mA)
100
80
60
40
20
0
0
0.05
0.10
0.15
0.20
100
101
102
101
102
103
23
5 7
2 3 5 7
2
3
5
7
2
3
5
7
103
23
5 7
II = 2mA
Ta = –40
°C
Ta = 25
°C
Ta = 85
°C
Ta = 25
°C
VCE 10V
0
0.4
0.8
1.2
1.6
2.0
VCE = 4V
Ta = 25
°C
Ta = 85
°C
Ta = –40
°C
01
2
3
4
5
VCE = 4V
Ta = 85
°C
Ta = 25
°C
Ta = –40
°C
Ta = 25
°C
Ta = 85
°C
Ta = –40
°C


Similar Part No. - M63816KP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63812FP MITSUBISHI-M63812FP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812GP MITSUBISHI-M63812GP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812KP MITSUBISHI-M63812KP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813FP MITSUBISHI-M63813FP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M63816KP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63817P MITSUBISHI-M63817P Datasheet
77Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63815P MITSUBISHI-M63815P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63814P MITSUBISHI-M63814P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813P MITSUBISHI-M63813P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63806P MITSUBISHI-M63806P Datasheet
69Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M54561P MITSUBISHI-M54561P Datasheet
80Kb / 4P
   7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63805P MITSUBISHI-M63805P Datasheet
69Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M63807P MITSUBISHI-M63807P Datasheet
67Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com