Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M63813KP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M63813KP
Description  7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63813KP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M63813KP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63813KP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63813KP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63813KP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63813KP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Jan. 2000
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63813P/FP/GP/KP
7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
Clamping Diode Characteristics
Forward bias voltage VF (V)
50
40
30
20
10
0
250
200
150
100
50
0
250
200
150
100
50
0
0
0.4
0.8
1.2
1.6
2.0
0
0.4
0.8
1.2
1.6
2.0
Ta = 25
°C
Ta = 85
°C
Ta = –40
°C
01
2
3
4
5
VCE = 4V
Ta = 85
°C
Ta = 25
°C
Ta = –40
°C
Ta = 85
°C
Ta = 25
°C
Ta = –40
°C
VCE = 4V


Similar Part No. - M63813KP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63812FP MITSUBISHI-M63812FP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812GP MITSUBISHI-M63812GP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812KP MITSUBISHI-M63812KP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63814FP MITSUBISHI-M63814FP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M63813KP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63814P MITSUBISHI-M63814P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M54561P MITSUBISHI-M54561P Datasheet
80Kb / 4P
   7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63817P MITSUBISHI-M63817P Datasheet
77Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63815P MITSUBISHI-M63815P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63816P MITSUBISHI-M63816P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63803P MITSUBISHI-M63803P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802P MITSUBISHI-M63802P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63804P MITSUBISHI-M63804P Datasheet
55Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com