Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0326CD21924S Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # SF0326CD21924S
Description  326.4 MHz Filter for UMTS Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0326CD21924S Datasheet(HTML) 2 Page - Integrated Circuit Systems

  SF0326CD21924S Datasheet HTML 1Page - Integrated Circuit Systems SF0326CD21924S Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
326.4 MHz Filter
for UMTS Applications
Part Number SF0326CD21924S
Micro Networks, 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.icst.com
Micro Networks
324 Clark Street Worcester, MA 01606. tel: 508-852-5400 fax: 508-852-8456
www.icst.com
Rev 04x 24-Dec-04
Page 2 of 2
Units:
mm
Pin Configuration:
Input:
2
Output:
8
Ground:
1,3,4,5,6,7,9,10,11,12
MATCHING CIRCUIT
Typical component values:
Ls1 = 22 nH
Ls2 = 18 nH
(minimum inductor Q = 45)
Cp1 =22 pF
Cp2 =22 pF
Notes
- Requires 2% matching components.
- Component values may change depending on board layout.
- All pins other than 2 and 8 are connected together internally to the package
PACKAGE OUTLINE
ISO 9001
Registered
2
8


Similar Part No. - SF0326CD21924S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0326CD21924S SPECTRUM-SF0326CD21924S Datasheet
69Kb / 2P
   326.4 MHz Filter for UMTS Applications
logo
API Technologies Corp
SF0326CD21924S APITECH-SF0326CD21924S Datasheet
69Kb / 2P
   326.4 MHz Filter for UMTS Applications
More results

Similar Description - SF0326CD21924S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0326CD21924S APITECH-SF0326CD21924S Datasheet
69Kb / 2P
   326.4 MHz Filter for UMTS Applications
logo
Spectrum Microwave, Inc...
SF0326CD21924S SPECTRUM-SF0326CD21924S Datasheet
69Kb / 2P
   326.4 MHz Filter for UMTS Applications
logo
List of Unclassifed Man...
855914 ETC1-855914 Datasheet
563Kb / 5P
   326.4 MHz SAW Filter
logo
TriQuint Semiconductor
855914 TRIQUINT-855914_15 Datasheet
409Kb / 5P
   326.4 MHz SAW Filter
logo
API Technologies Corp
SF0326BA03198S APITECH-SF0326BA03198S Datasheet
222Kb / 3P
   326.4 MHz SAW Filter 10 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0326BA03198S SPECTRUM-SF0326BA03198S Datasheet
222Kb / 3P
   326.4 MHz SAW bandpass filter with 10 MHz bandwidth
logo
Integrated Circuit Syst...
SF0044BA01954T ICST-SF0044BA01954T Datasheet
220Kb / 2P
   44.1 MHz Filter for CATV Applications
SF0070CD21803T ICST-SF0070CD21803T Datasheet
211Kb / 2P
   69.99 MHz Filter for CDMA Applications
logo
Murata Manufacturing Co...
SAFFB1G96FN0F0A MURATA1-SAFFB1G96FN0F0A Datasheet
286Kb / 8P
   SAW FILTER FOR UMTS Band2 Rx
Aug. 1, 2017
logo
API Technologies Corp
SF0190CD01937S APITECH-SF0190CD01937S Datasheet
237Kb / 2P
   190 MHz Filter for W-CDMA Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com