Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54580P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54580P
Description  7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54580P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54580P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54580P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54580P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54580P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aug. 1999
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
V (BR) CEO
IR
hFE
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54580P/FP
7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –20 ~ +75
°C)
50
VS
VS–3.2
4
VS–0.4
0
IO
V
µA
Symbol
Unit
Parameter
Test conditions
Limits
min
typ+
max
V
V
V
50
800
0.9
0.8
–0.3
–0.65
3000
1.5
1.2
–0.6
–0.95
100
0
0
–100
–50
mA
V
mA
+ : The typical values are those measured under ambient temperature (Ta) of 25
°C. There is no guarantee that these values are obtained under any
conditions.
ns
ns
ton
toff
200
7500
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
VS
VIH
VIL
Parameter
Limits
Symbol
Unit
min
typ
max
Duty Cycle
P : no more than 85%
FP : no more than 50%
Duty Cycle
P : no more than 100%
FP : no more than 100%
“H” input voltage
“L” input voltage
Supply voltage
Output current
(Current per 1 cir-
cuit when 7 circuits
are coming on si-
multaneously)
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = –20 ~ +75
°C)
ICEO = 100
µA
VI = VS–3.2V, IO = –100mA
VI = VS–3.2V, IO = –50mA
VI = VS–3.5V
VI = VS–6V
VI = 40V
VCE = 4V, VS = 10V, IC = –100mA, Ta = 25
°C
Collector-emitter breakdown voltage
Clamping diode reverse current
DC amplification factor
VCE (sat)
II
Collector-emitter saturation voltage
Input current
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
CL = 15pF (note 1)
Turn-on time
Turn-off time
PG
50
CL
RL
VS
INPUT
OUTPUT
(1) Pulse generator (PG) characteristics : PRR = 1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, ZO = 50Ω
VI = 0.8 to 4V
(2) Input-output conditions : RL = 40
Ω, , VS = 4V
(3) Electrostatic capacity CL includes floating capacitance at
connections and input capacitance at probes
Measured device
ton
50%
50%
50%
50%
toff
INPUT
OUTPUT


Similar Part No. - M54580P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54580P MITSUBISHI-M54580P Datasheet
101Kb / 3P
   7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
More results

Similar Description - M54580P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54560P MITSUBISHI-M54560P Datasheet
100Kb / 3P
   7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54580P MITSUBISHI-M54580P Datasheet
101Kb / 3P
   7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54528P MITSUBISHI-M54528P Datasheet
90Kb / 2P
   7- UNIT 150MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M464S1654BT1 MITSUBISHI-M464S1654BT1 Datasheet
53Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54561P MITSUBISHI-M54561P Datasheet
80Kb / 4P
   7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54564P MITSUBISHI-M54564P Datasheet
77Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1275 SANYO-LB1275 Datasheet
62Kb / 2P
   7-Unit, Darlington Transistor Array???
logo
Mitsubishi Electric Sem...
M54517P MITSUBISHI-M54517P Datasheet
100Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54566WP MITSUBISHI-M54566WP Datasheet
80Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com