Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0185BA02302S Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # SF0185BA02302S
Description  185.76 MHz SAW Bandpass Filter 4.48 MHz bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0185BA02302S Datasheet(HTML) 2 Page - Integrated Circuit Systems

  SF0185BA02302S Datasheet HTML 1Page - Integrated Circuit Systems SF0185BA02302S Datasheet HTML 2Page - Integrated Circuit Systems SF0185BA02302S Datasheet HTML 3Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
185.76 MHz SAW Bandpass Filter
4.48 MHz bandwidth
Part Number SF0185BA02302S
Integrated
Circuit
Systems, Inc.
Rev X1 20-Apr-05
Page 2 of 3
Integrated Circuit Systems
• Surface Acoustic Wave Products
Rej’n (195.22-205.72 MHz) (at 25
°C)
42
dB
Rej’n (195.22-205.72 MHz) (over temperature
40
dB
Rej’n (150.72-165.72 MHz) (at 25
°C)
52
dB
Rej’n (150.72-165.72 MHz) (over temperature)
50
dB
Rej’n (205.72-220.72 MHz) (at 25
°C)
52
dB
Rej’n (205.72-220.72 MHz) (over temperature)
50
dB
Rej’n (80-150 MHz)
(at 25
°C)
40
dB
Rej’n (80-150 MHz)
(over temperature)
36
dB
Rej’n (220.72-280 MHz)
(at 25
°C)
40
dB
Rej’n (220.72-280 MHz)
(over temperature)
36
dB
Source and Load Impedance
50
Input Power
+10
+15
dBm
Operating Temperature Range
-40
25
85
° C
Notes:
1. Any specified bandwidths are referenced to this frequency.
PACKAGE OUTLINE
Units: mm
Pad Configuration:
Input: 9
Input Return: 8
Output: 4
Output Return: 3
Ground: 1,2,5,6,7,10,11
324 Clark Street, Worcester, MA 01606, USA
• Phone 508-852-5400 • Fax 508-852-8456
www.icst.com
QF12/3


Similar Part No. - SF0185BA02302S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results

Similar Description - SF0185BA02302S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0426BA02365S APITECH-SF0426BA02365S Datasheet
109Kb / 2P
   426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
SF0426CN02357S APITECH-SF0426CN02357S Datasheet
101Kb / 2P
   426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
logo
Spectrum Microwave, Inc...
SF0426CN02357S SPECTRUM-SF0426CN02357S Datasheet
101Kb / 2P
   426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
logo
Integrated Circuit Syst...
SF0426BA02365S ICST-SF0426BA02365S Datasheet
106Kb / 1P
   426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
SF0160CD02254T ICST-SF0160CD02254T Datasheet
93Kb / 2P
   160 MHz SAW Bandpass Filter 4 MHz bandwidth
SF0250BA02425S ICST-SF0250BA02425S Datasheet
82Kb / 3P
   250 MHz SAW Bandpass Filter 80 MHz bandwidth
SF0070CF51851T ICST-SF0070CF51851T Datasheet
133Kb / 2P
   70 MHz SAW Bandpass Filter 26 MHz bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com