Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1HN04CH Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 1HN04CH
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1HN04CH Datasheet(HTML) 2 Page - Sanyo Semicon Device

  1HN04CH Datasheet HTML 1Page - Sanyo Semicon Device 1HN04CH Datasheet HTML 2Page - Sanyo Semicon Device 1HN04CH Datasheet HTML 3Page - Sanyo Semicon Device 1HN04CH Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1HN04CH
No. A0925-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-ON Delay Time
td(on)
See specified Test Circuit.
13
ns
Rise Time
tr
See specified Test Circuit.
7.8
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
87
ns
Fall Time
tf
See specified Test Circuit.
60
ns
Total Gate Charge
Qg
VDS=50V, VGS=10V, ID=120mA
1.6
nC
Gate-to-Source Charge
Qgs
VDS=50V, VGS=10V, ID=120mA
0.25
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=50V, VGS=10V, ID=120mA
0.25
nC
Diode Forward Voltage
VSD
IS=120mA, VGS=0V
0.83
1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7015A-004
1 : Gate
2 : Source
3 : Drain
SANYO : CPH3
2.9
0.05
0.4
0.15
2
1
3
0.95
PW=10µs
D.C.≤1%
P.G
50Ω
G
S
D
ID=60mA
RL=833Ω
Rg
VDD=50V
VOUT
1HN04CH
VIN
10V
0V
VIN
Rg=1.2kΩ
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
250
50
150
100
200
0
0
40
20
80
60
100
120
0
1.0
0.8
0.6
0.1
0.2
0.4
0.9
0.7
0.3
0.5
IT12899
0
1.0
0.5
2.0
3.0
1.5
2.5
3.5
4.0
4.5
5.0
IT12900
IT12902
0
2468
16
10
12
14
IT12901
16
0
4
2
8
12
6
10
14
Ta=25
°C
VGS=2.5V
VDS=10V
--60
0
10
12
14
4
8
6
2
16
--40
--20
0
20
40
60
80
100
120
140
160
V GS
=4V
, I D
=3
0mA
V GS
=10V
, I D
=6
0mA
60mA
ID=30mA
4.0V
3.0V


Similar Part No. - 1HN04CH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1HN04CH ONSEMI-1HN04CH Datasheet
395Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
1HN04CH-TL-W ONSEMI-1HN04CH-TL-W Datasheet
395Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
More results

Similar Description - 1HN04CH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com