Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH5856 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # CPH5856
Description  MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH5856 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  CPH5856 Datasheet HTML 1Page - Sanyo Semicon Device CPH5856 Datasheet HTML 2Page - Sanyo Semicon Device CPH5856 Datasheet HTML 3Page - Sanyo Semicon Device CPH5856 Datasheet HTML 4Page - Sanyo Semicon Device CPH5856 Datasheet HTML 5Page - Sanyo Semicon Device CPH5856 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CPH5856
No. A0687-4/6
00.5
1.0
1.5
2.0
3.0
2.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDS=10V
ID=2.5A
IT12040
2
2
3
5
7
2
3
5
7
2
3
5
7
10
1.0
0.1
0.01
0.1
23
5 7 1.0
0.01
23
5 7
23
5 7 10
23
5
IT12041
IDP=10A
ID=2.5A
Operation in this
area is limited by RDS(on).
100ms
100
µs
1ms
10ms
≤10µs
0.1
1.0
23
5
7
10
7
23
5
7
5
3
2
5
3
2
10
100
7
5
3
2
1.0
VDD=10V
VGS=4V
td(on)
tf
t r
td(off)
IT12038
IT12036
0.01
0.1
10
1.0
23
5 7
23
5 7
23
5 7
10
1.0
7
5
3
2
0.1
7
5
3
2
VDS=10V
75
°C
25°
C
Ta=
--25
°C
IT12037
00.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
VGS=0V
02468
10
12
14161820
10
100
1000
7
5
3
2
7
5
3
2
f=1MHz
Ciss
Coss
Crss
IT12039
DC
operation
(T
a=25
°C)
IT12042
0
0
20
40
0.2
0.4
0.6
0.8
0.9
1.0
60
80
100
120
140
160
VGS -- Qg
[MOSFET]
[MOSFET]
[MOSFET]
PD -- Ta
A S O
Total Gate Charge, Qg -- nC
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board
(600mm
2
0.8mm)
1unit
Drain-to-Source Voltage, VDS -- V
Ta=25
°C
Single pulse
Mounted on a ceramic board (600mm2
✕0.8mm) 1unit
SW Time -- ID
Ciss, Coss, Crss -- VDS
yfs -- ID
IS -- VSD
[MOSFET]
[MOSFET]
[MOSFET]
[MOSFET]
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V


Similar Part No. - CPH5856

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5852 SANYO-CPH5852 Datasheet
56Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
CPH5854 SANYO-CPH5854 Datasheet
55Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5855 SANYO-CPH5855 Datasheet
69Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5857 SANYO-CPH5857 Datasheet
72Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results

Similar Description - CPH5856

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VEC2820 SANYO-VEC2820 Datasheet
67Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5826 SANYO-CPH5826 Datasheet
50Kb / 5P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5863 SANYO-CPH5863 Datasheet
65Kb / 5P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2808 SANYO-SCH2808 Datasheet
48Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2816 SANYO-SCH2816_07 Datasheet
50Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2819 SANYO-SCH2819 Datasheet
48Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2814 SANYO-VEC2814 Datasheet
54Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5847 SANYO-CPH5847 Datasheet
49Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5855 SANYO-CPH5855 Datasheet
69Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2817 SANYO-SCH2817_07 Datasheet
50Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com