Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1200DC-34N Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM1200DC-34N
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM1200DC-34N Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM1200DC-34N Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM1200DC-34N Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM1200DC-34N Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM1200DC-34N Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM1200DC-34N Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM1200DC-34N Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Jul. 2005
MITSUBISHI HVIGBT MODULES
CM1200DC-34N
HIGH POWER SWITCHING USE
INSULATED TYPE
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
4th-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
MAXIMUM RATINGS
Collector-emitter voltage
Gate-emitter voltage
Maximum power dissipation
Junction temperature
Operating temperature
Storage temperature
Isolation voltage
Maximum short circuit pulse
width
VGE = 0V, Tj = 25
°C
VCE = 0V, Tj = 25
°C
TC = 75
°C
Pulse
(Note 1)
Pulse
(Note 1)
TC = 25
°C, IGBT part
RMS, sinusoidal, f = 60Hz, t = 1min.
VCC = 1200V, VCES
≤ 1700V, VGE = 15V
Tj = 125
°C
Collector current
Emitter current
1700
±20
1200
2400
1200
2400
6500
–40 ~ +150
–40 ~ +125
–40 ~ +125
4000
10
Symbol
Item
Conditions
Unit
Ratings
V
V
A
A
A
A
W
°C
°C
°C
V
µs
VCES
VGES
IC
ICM
IE (Note 2)
IEM (Note 2)
PC (Note 3)
Tj
Top
Tstg
Viso
tpsc
VCE = VCES, VGE = 0V, Tj = 25
°C
VGE = VGES, VCE = 0V, Tj = 25
°C
IC = 1200A, VGE = 15V, Tj = 25
°C
(Note 4)
IC = 1200A, VGE = 15V, Tj = 125
°C
(Note 4)
VCC = 850V, IC = 1200A, VGE = 15V, Tj = 25
°C
IE = 1200A, VGE = 0V, Tj = 25
°C
(Note 4)
IE = 1200A, VGE = 0V, Tj = 125
°C
(Note 4)
VCC = 850V, IC = 1200A, VGE =
±15V
RG(on) = 1.3
Ω, Tj = 125°C, Ls = 150nH
Inductive load
VCC = 850V, IC = 1200A, VGE =
±15V
RG(off) = 3.3
Ω, Tj = 125°C, Ls = 150nH
Inductive load
VCC = 850V, IC = 1200A, VGE =
±15V
RG(on) = 1.3
Ω, Tj = 125°C, Ls = 150nH
Inductive load
V
V
Min
Typ
Max
4
0.5
2.80
3.30
mA
µA
nF
nF
nF
µC
V
µs
µs
mJ/pulse
µs
µs
mJ/pulse
µs
A
µC
mJ/pulse
ICES
IGES
Cies
Coes
Cres
Qg
VEC (Note 2)
td(on)
tr
Eon
td(off)
tf
Eoff
trr
(Note 2)
Irr
(Note 2)
Qrr (Note 2)
Erec (Note 2)
Symbol
Item
Conditions
VGE(th)
VCE(sat)
Limits
Unit
6.0
Note 1. Pulse width and repetition rate should be such that junction temperature (Tj) does not exceed Topmax rating (125
°C).
2. The symbols represent characteristics of the anti-parallel, emitter to collector free-wheel diode (FWDi).
3. Junction temperature (Tj) should not exceed Tjmax rating (150
°C).
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
ELECTRICAL CHARACTERISTICS
Collector cut-off current
Gate-emitter
threshold voltage
Gate leakage current
Collector-emitter
saturation voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Emitter-collector voltage
Turn-on delay time
Turn-on rise time
Turn-on switching energy
Turn-off delay time
Turn-off fall time
Turn-off switching energy
Reverse recovery time
Reverse recovery current
Reverse recovery charge
Reverse recovery energy
IC = 120mA, VCE = 10V, Tj = 25
°C
VCE = 10V, f = 100kHz
VGE = 0V, Tj = 25
°C
2.15
2.40
176
9.6
2.8
6.8
2.60
2.30
1.00
0.40
380
1.20
0.30
360
1.00
560
300
220
7.0
8.0


Similar Part No. - CM1200DC-34N

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM1200DC-34N POWEREX-CM1200DC-34N Datasheet
494Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
More results

Similar Description - CM1200DC-34N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com