Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMA1021 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UMA1021
Description  Low-voltage frequency synthesizer for radio telephones
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1021 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UMA1021 Datasheet HTML 3Page - NXP Semiconductors UMA1021 Datasheet HTML 4Page - NXP Semiconductors UMA1021 Datasheet HTML 5Page - NXP Semiconductors UMA1021 Datasheet HTML 6Page - NXP Semiconductors UMA1021 Datasheet HTML 7Page - NXP Semiconductors UMA1021 Datasheet HTML 8Page - NXP Semiconductors UMA1021 Datasheet HTML 9Page - NXP Semiconductors UMA1021 Datasheet HTML 10Page - NXP Semiconductors UMA1021 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 Jun 17
7
Philips Semiconductors
Product specification
Low-voltage frequency synthesizer
for radio telephones
UMA1021M
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices. This device meets class 2 ESD test
requirements [Human Body Model (HBM)], in accordance with
“MIL STD 883C - method 3015”.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
digital supply voltage
−0.3
+5.5
V
VCC
charge-pump supply voltage
−0.3
+5.5
V
VCC − VDD
difference in voltage between VCC and VDD
−0.3
+5.5
V
Vn
voltage at pins 6, 8, 9 and 11 to 13
−0.3
VDD + 0.3
V
voltage at pins 1, 2, 3, 15, 16, 19 and 20
−0.3
VCC + 0.3
V
∆V
GND
difference in voltage between any of GND(CP), VSS1, VSS2,
and VSS3 (these pins should be connected together)
−0.3
+0.3
V
Ptot
total power dissipation
150
mW
Tstg
storage temperature
−55
+125
°C
Tamb
operating ambient temperature
−30
+85
°C
Tj(max)
maximum junction temperature
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
120
K/W


Similar Part No. - UMA1021

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1021 PHILIPS-UMA1021 Datasheet
104Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1998 Nov 19
UMA1021AM PHILIPS-UMA1021AM Datasheet
104Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1998 Nov 19
More results

Similar Description - UMA1021

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1019AM PHILIPS-UMA1019AM Datasheet
134Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1017M PHILIPS-UMA1017M Datasheet
171Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1995 Jul 10
UMA1021AM PHILIPS-UMA1021AM Datasheet
104Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1998 Nov 19
UMA1019M PHILIPS-UMA1019M Datasheet
134Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1018M PHILIPS-UMA1018M Datasheet
166Kb / 20P
   Low-voltage dual frequency synthesizer for radio telephones
1995 Jun 27
OM5156M PHILIPS-OM5156M Datasheet
160Kb / 20P
   Low-voltage dual frequency synthesizer for radio telephones
1995 Nov 24
UMA1020M PHILIPS-UMA1020M Datasheet
163Kb / 20P
   Low-voltage dual frequency synthesizer for radio telephones
1995 Jun 15
UMA1020AM PHILIPS-UMA1020AM Datasheet
159Kb / 20P
   Low-voltage dual frequency synthesizer for radio telephones
1995 Jul 06
UMA1022M PHILIPS-UMA1022M Datasheet
126Kb / 20P
   Low cost dual frequency synthesizer for radio telephones
1998 Dec 09
logo
ATMEL Corporation
U4256BM-R ATMEL-U4256BM-R Datasheet
403Kb / 19P
   Frequency Synthesizer for Radio Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com