Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMA1021M Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UMA1021M
Description  Low-voltage frequency synthesizer for radio telephones
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1021M Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UMA1021M Datasheet HTML 6Page - NXP Semiconductors UMA1021M Datasheet HTML 7Page - NXP Semiconductors UMA1021M Datasheet HTML 8Page - NXP Semiconductors UMA1021M Datasheet HTML 9Page - NXP Semiconductors UMA1021M Datasheet HTML 10Page - NXP Semiconductors UMA1021M Datasheet HTML 11Page - NXP Semiconductors UMA1021M Datasheet HTML 12Page - NXP Semiconductors UMA1021M Datasheet HTML 13Page - NXP Semiconductors UMA1021M Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1999 Jun 17
10
Philips Semiconductors
Product specification
Low-voltage frequency synthesizer
for radio telephones
UMA1021M
SERIAL BUS TIMING CHARACTERISTICS
VDD =VCC =3V; Tamb =25 °C; unless otherwise specified.
Note
1. The minimum pulse width (tW(min)) can be smaller than 4 µs provided all the following conditions are fulfilled:
a) Main divider input frequency
.
b) Reference divider input frequency
.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Serial programming clock; CLK
tr
input rise time
10
40
ns
tf
input fall time
10
40
ns
Tcy
clock period
100
−−
ns
Enable programming; E
tSTART
delay to rising clock edge
40
−−
ns
tEND
delay from last falling clock edge
−20
−−
ns
tW(min)
minimum inactive pulse width
4000(1)
−−
ns
tSU;E
enable set-up time to next clock edge
20
−−
ns
Register serial input data; DATA
tSU;DAT
input data to clock set-up time
20
−−
ns
tHD;DAT
input data to clock hold time
20
−−
ns
f
RF
447
t
Wmin
()
-------------------
>
f
xtal
3
t
Wmin
()
-------------------
>
Fig.3 Serial bus timing diagram.
handbook, full pagewidth
MGD565
MSB
LSB
ADDRESS
tSTART
tSU;DAT
tHD;DAT
Tcy
tr
tf
tW(min)
tEND tSU;E
CLK
DATA
E


Similar Part No. - UMA1021M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1021 PHILIPS-UMA1021 Datasheet
104Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1998 Nov 19
UMA1021AM PHILIPS-UMA1021AM Datasheet
104Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1998 Nov 19
More results

Similar Description - UMA1021M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1019AM PHILIPS-UMA1019AM Datasheet
134Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1017M PHILIPS-UMA1017M Datasheet
171Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1995 Jul 10
UMA1021AM PHILIPS-UMA1021AM Datasheet
104Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1998 Nov 19
UMA1019M PHILIPS-UMA1019M Datasheet
134Kb / 16P
   Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1018M PHILIPS-UMA1018M Datasheet
166Kb / 20P
   Low-voltage dual frequency synthesizer for radio telephones
1995 Jun 27
OM5156M PHILIPS-OM5156M Datasheet
160Kb / 20P
   Low-voltage dual frequency synthesizer for radio telephones
1995 Nov 24
UMA1020M PHILIPS-UMA1020M Datasheet
163Kb / 20P
   Low-voltage dual frequency synthesizer for radio telephones
1995 Jun 15
UMA1020AM PHILIPS-UMA1020AM Datasheet
159Kb / 20P
   Low-voltage dual frequency synthesizer for radio telephones
1995 Jul 06
UMA1022M PHILIPS-UMA1022M Datasheet
126Kb / 20P
   Low cost dual frequency synthesizer for radio telephones
1998 Dec 09
logo
ATMEL Corporation
U4256BM-R ATMEL-U4256BM-R Datasheet
403Kb / 19P
   Frequency Synthesizer for Radio Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com