Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH5857 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # CPH5857
Description  MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH5857 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  CPH5857 Datasheet HTML 1Page - Sanyo Semicon Device CPH5857 Datasheet HTML 2Page - Sanyo Semicon Device CPH5857 Datasheet HTML 3Page - Sanyo Semicon Device CPH5857 Datasheet HTML 4Page - Sanyo Semicon Device CPH5857 Datasheet HTML 5Page - Sanyo Semicon Device CPH5857 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CPH5857
No. A0547-5/6
[SBD]
IS
20ms
t
7 0.01
23
7 0.1
0
52
3
7
1.0
52
3
3.0
3.5
2.0
1.0
2.5
1.5
0.5
Time, t -- s
ID00338
IFSM -- t
Current waveform 50Hz sine wave
0
0.2
0.3
0.1
0.4
0.5
0.7
0.6
2
5
7
3
2
0.01
2
5
7
3
0.1
0.001
IT11204
IT11205
0
0.0001
0.01
0.001
0.1
1.0
10
10000
100
1000
246
8
10
12
16
14
Ta=150
°C
100
°C
125
°C
75
°C
50
°C
25
°C
0
°C
--25°C
(2) (4) (3)
(1)
0
0
0.2
0.6
0.7
0.5
0.1
0.4
0.3
0.2
0.4
0.6
0.8
1.0
1.2
IT11206
(4)
(3)
(1)
08
16
10
12
14
6
4
2
(2)
IT11207
4.0E--0.6
0.0E+00
2.0E--0.6
6.0E--0.6
8.0E--0.6
1.0E--0.5
1.2E--0.5
2
5
7
3
3
1.0
IF -- VF
Forward Voltage, VF -- V
IR -- VR
Reverse Voltage, VR -- V
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Average Output Current, IO -- A
PF(AV) -- IO
θ
360
°
Rectangular
wave
180
°
360
°
Sine wave
PR(AV) -- VRM
Peak Reverse Voltage, VRM -- V
(1)Rectangular wave
θ=300°
(2)Rectangular wave
θ=240°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
180
°
360
°
VR
Sine wave
θ
360
°
VR
Rectangular
wave
IT11208
20
0
0.4
0.2
0.6
0
0.8
1.0
1.2
40
60
80
100
120
140
160
(1)
(2)
(3)
(4)
Reverse Voltage, VR -- V
C -- VR
0.1
2
10
100
2
3
5
2
3
5
7
35
7
1.0
23
5
2
3
7
10
IT10275
Average Output Current, IO -- A
Tc -- IO
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
180
°
360
°
Rectangular
wave
Sine
wave
*When mounted in reliability
operaion board,
Rth(J-a)=183.67°C/W


Similar Part No. - CPH5857

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5852 SANYO-CPH5852 Datasheet
56Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
CPH5854 SANYO-CPH5854 Datasheet
55Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5855 SANYO-CPH5855 Datasheet
69Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5856 SANYO-CPH5856 Datasheet
71Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results

Similar Description - CPH5857

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VEC2811 SANYO-VEC2811 Datasheet
49Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2818 SANYO-VEC2818 Datasheet
64Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2819 SANYO-VEC2819 Datasheet
69Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2822 SANYO-SCH2822 Datasheet
67Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2830 SANYO-SCH2830 Datasheet
68Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5854 SANYO-CPH5854 Datasheet
55Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2811 SANYO-SCH2811 Datasheet
55Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5835 SANYO-CPH5835_07 Datasheet
51Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5846 SANYO-CPH5846 Datasheet
54Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
FW507 SANYO-FW507 Datasheet
50Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com