Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-9200300 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HEDS-9200300
Description  Two Channel High Resolution Optical Incremental Encoder Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9200300 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HEDS-9200300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HEDS-9200300 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
STATIC CHARGE WARNING: LARGE STATIC CHARGE ON CODESTRIP MAY HARM MODULE.
PREVENT ACCUMULATION OF CHARGE.
Figure 4. Codestrip Design
Parameter
Symbol
Minimum
Maximum
Units
Notes
Window/Bar Ratio
φ
wb
0.7
1.4
Window Length
L
w
1.8 (0.07)
mm (inch)
Absolute Maximum
R
c
mm
Includes eccentricity
Codewheel Radius
(inch)
errors
R
op
+
1.9
(0.075)
Recommended Codewheel Characteristics
Mounting as Referenced to Side A
Mounting as Referenced to Side B
Recommended Codestrip Characteristics and Alignment
Codestrip design must take into consideration mounting as referenced to either side A or side B (see Figure 4).
Mounting Ref.
Mounting Ref.
Parameter
Symbol
Side A
Side B
Units
Window/Bar Ratio
W
w/Wb
0.7 min., 1.4 max.
0.7 min., 1.4 max.
Window Distance
L
L
a ≤ 0.51 (0.020)
L
b ≥ 3.23 (0.127)
mm (inch)
Window Edge to
S
0.90 (0.035) min.
0.90 (0.035) min.
mm (inch)
Module Opt Center Line
Parallelism
α
1.3 max.
1.3 max.
deg.
Module to Codestrip
Note: All parameters and equations must be satisfied over the full length of codestrip travel including maximum codestrip runout.


Similar Part No. - HEDS-9200300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9200 AVAGO-HEDS-9200 Datasheet
112Kb / 4P
   Motion Sensing Products, Optical Encoder Modules
More results

Similar Description - HEDS-9200300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDT-9000 HP-HEDT-9000 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com