Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0070CF51475T Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # SF0070CF51475T
Description  70 MHz Filter 10 MHz Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0070CF51475T Datasheet(HTML) 1 Page - Integrated Circuit Systems

  SF0070CF51475T Datasheet HTML 1Page - Integrated Circuit Systems SF0070CF51475T Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70 MHz Filter
10 MHz Bandwidth
Part Number SF0070CF51475T
Micro Networks., 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Rev 1.0 17-Dec-02
Page 1 of 2
Parameter
Min.
Typ.
Max.
Units.
Center Frequency ( Fc)
1
69.85
70.0
70.15
MHz
Insertion Loss at Fc
25.8
27
dB
1 dB Bandwidth
9.0
9.9
MHz
3 dB Bandwidth
10.0
10.2
MHz
40 dB Bandwidth
11.7
12
MHz
Passband Ripple
0.7
1.0
dB
Phase Ripple
2
4
deg p-p
Group Delay Ripple
40
60
ns p-p
Absolute Delay
2.5
us
Ultimate Rejection
50
60
dB
Substrate Material
YZ Lithium Niobate
Ambient Temperature
25
º C
Notes:
1: Mean Value of 3 dB points
TYPICAL PERFORMANCE
Horizontal: 4 MHz/div
Vertical (from top):
Magnitude
10 dB/div
Magnitude
1 dB/div
Group Delay
50 ns./div
SPECIFICATION


Similar Part No. - SF0070CF51475T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CF51475T APITECH-SF0070CF51475T Datasheet
160Kb / 3P
   70 MHz SAW Filter 10 MHz Bandwidth
More results

Similar Description - SF0070CF51475T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070BA03089S APITECH-SF0070BA03089S Datasheet
172Kb / 3P
   70 MHz SAW Filter 10 MHz Bandwidth
SF0070CF51475T APITECH-SF0070CF51475T Datasheet
160Kb / 3P
   70 MHz SAW Filter 10 MHz Bandwidth
SF0070BA03058S APITECH-SF0070BA03058S Datasheet
62Kb / 2P
   70 MHz Low-Loss Filter 10 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070BA03058S ICST-SF0070BA03058S Datasheet
61Kb / 2P
   70 MHz Low-Loss Filter 10 MHz Bandwidth
SF0070CF51842T ICST-SF0070CF51842T Datasheet
185Kb / 2P
   70 MHz Filter 12 MHz Bandwidth
SF0070BA03039S ICST-SF0070BA03039S Datasheet
272Kb / 2P
   70 MHz Filter 20 MHz Bandwidth
logo
API Technologies Corp
SF0070CF51846T APITECH-SF0070CF51846T Datasheet
191Kb / 2P
   70 MHz Filter 16 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51543T ICST-SF0070CF51543T Datasheet
136Kb / 2P
   70 MHz Filter 0.7 MHz Bandwidth
SF0070BA03047S ICST-SF0070BA03047S Datasheet
225Kb / 2P
   70 MHz Filter 1 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03051S APITECH-SF0070BA03051S Datasheet
255Kb / 2P
   70 MHz Filter 3 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com