Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0070BA03031S Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # SF0070BA03031S
Description  70 MHz Low Loss Filter 9 MHz Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0070BA03031S Datasheet(HTML) 2 Page - Integrated Circuit Systems

  SF0070BA03031S Datasheet HTML 1Page - Integrated Circuit Systems SF0070BA03031S Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
70 MHz Low Loss Filter
9 MHz Bandwidth
Part Number SF0070BA03031S
Micro Networks., 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Micro Networks
Worldwide Headquarters: 324 Clark Street Worcester, MA 01606. tel: 508-852-5400 fax: 508-852-8456
www.micronetworks.com
Rev X4 26-Mar-04
Page 2 of 2
PACKAGE OUTLINE
Units: mm
Pin Configuration:
Input:
11
Input Return:
12
Output:
5
Output Return: 6
Ground:
1,2,3,4,7,8,9,10
MATCHING CIRCUIT
Predicted Component values into 50
Ω matching:
Ls1 = 180 nH
Ls2 = 150 nH
(Minimum Q = 45)
Notes
1. Recommend use of 5% tolerance components.
2. Optimum values depend on board layout. Values intended as guide only.
ISO 9001
Registered
Ls2
Ls1
11
5
12
6
Output
Input


Similar Part No. - SF0070BA03031S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070BA03031S APITECH-SF0070BA03031S Datasheet
197Kb / 2P
   70 MHz Low Loss Filter 9 MHz Bandwidth
More results

Similar Description - SF0070BA03031S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070BA03031S APITECH-SF0070BA03031S Datasheet
197Kb / 2P
   70 MHz Low Loss Filter 9 MHz Bandwidth
logo
TriQuint Semiconductor
854664 TRIQUINT-854664_15 Datasheet
46Kb / 1P
   70 MHz Low-Loss Filter 9 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03057S APITECH-SF0070BA03057S Datasheet
197Kb / 2P
   70 MHz Low-Loss Filter 7 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070BA03028S ICST-SF0070BA03028S Datasheet
194Kb / 2P
   70 MHz Low Loss Filter 8 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03058S APITECH-SF0070BA03058S Datasheet
62Kb / 2P
   70 MHz Low-Loss Filter 10 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070BA03059S ICST-SF0070BA03059S Datasheet
197Kb / 2P
   70 MHz Low-Loss Filter 12 MHz Bandwidth
SF0070BA03057S ICST-SF0070BA03057S Datasheet
193Kb / 2P
   70 MHz Low-Loss Filter 7 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03028S APITECH-SF0070BA03028S Datasheet
198Kb / 2P
   70 MHz Low Loss Filter 8 MHz Bandwidth
SF0070BA03059S APITECH-SF0070BA03059S Datasheet
201Kb / 2P
   70 MHz Low-Loss Filter 12 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070BA03058S ICST-SF0070BA03058S Datasheet
61Kb / 2P
   70 MHz Low-Loss Filter 10 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com