Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0044CD02283T Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # SF0044CD02283T
Description  44.004 MHz Filter 1.3 MHz Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0044CD02283T Datasheet(HTML) 2 Page - Integrated Circuit Systems

  SF0044CD02283T Datasheet HTML 1Page - Integrated Circuit Systems SF0044CD02283T Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
44.004 MHz Filter
1.3 MHz Bandwidth
Part Number SF0044CD02283T
Micro Networks, 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Micro Networks
Worldwide Headquarters: 324 Clark Street Worcester, MA 01606. tel: 508-852-5400 fax: 508-852-8456
European Sales Headquarters: Hertosingel 20 6214 AD Maastricht, Netherlands. tel: +31-43-32-70912 fax: +31-43-32-70715
www.micronetworks.com
PACKAGE OUTLINE
Units: mm
Pin Configuration:
Input:
18
Input Return:
1
Output:
9
Output Return: 10
Ground:
2, 11
MATCHING CIRCUIT
16
8
1
9
Ls1
Cp1
Ls2
Cp2
Typical component values:
Ls1 = 0.7 - 1.41
µH
Ls2 = 0.7 - 1.41
µH
Cp1 = 56 pF
Cp2 = 47 pF
Notes:
1.
Variable inductors are adjusted for minimum insertion loss
2.
Recommended Inductors are Coilcraft SLOT-10-3-01 and SLOT-10-3-02
Rev 4.0 29-Sep-03
Page 2 of 2


Similar Part No. - SF0044CD02283T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0044CD02283T APITECH-SF0044CD02283T Datasheet
148Kb / 3P
   44.004 MHz SAW Filter 1.3 MHz Bandwidth
More results

Similar Description - SF0044CD02283T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0044CD02283T APITECH-SF0044CD02283T Datasheet
148Kb / 3P
   44.004 MHz SAW Filter 1.3 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0130BA03030T ICST-SF0130BA03030T Datasheet
180Kb / 2P
   130.0 MHz Filter 9 MHz Bandwidth
SF0140CF51917T ICST-SF0140CF51917T Datasheet
208Kb / 2P
   140 MHz Filter 8 MHz Bandwidth
logo
API Technologies Corp
SF0140CF51904T APITECH-SF0140CF51904T Datasheet
198Kb / 2P
   140.0 MHz Filter 1.5 MHz Bandwidth
SF0140BA03073S APITECH-SF0140BA03073S Datasheet
250Kb / 2P
   140 MHz Filter 18 MHz Bandwidth
SF0070CF51848T APITECH-SF0070CF51848T Datasheet
216Kb / 2P
   70 MHz Filter 20 MHz Bandwidth
SF0070CF51548T APITECH-SF0070CF51548T Datasheet
194Kb / 2P
   70 MHz Filter 3.0 MHz Bandwidth
SF0140CF51917T APITECH-SF0140CF51917T Datasheet
211Kb / 2P
   140 MHz Filter 8 MHz Bandwidth
SF0140CF51947T APITECH-SF0140CF51947T Datasheet
224Kb / 2P
   140 MHz Filter 56 MHz Bandwidth
SF0140CF51943T APITECH-SF0140CF51943T Datasheet
219Kb / 2P
   140 MHz Filter 44 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com