Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-U213 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-U213
Description  8 mm (0.31 inch) Ultra Mini Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-U213 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-U213 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-U213 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-U213 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-U213 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-U213 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-U213 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-U213 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-U213 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-U213 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Package Dimensions
1
2
3
4
5
10
9
8
7
6
B
FUNCTION
PIN
A
B
1
2
3
4
5
6
7
8
9
10
CATHODE a
CATHODE f
CATHODE g
CATHODE e
CATHODE d
CATHODE DP
ANODE DP
CATHODE c
ANODE
CATHODE b
ANODE a
ANODE f
ANODE g
ANODE e
ANODE d
CATHODE DP
ANODE DP
ANODE c
CATHODE
ANODE b
1
4
5
10
9
8
7
6
A
3
2
Internal Circuit Diagram
HDSP-UXXX CIRCUIT
10
DATE CODE
LUMINOUS
INTENSITY
CATEGORY
COLOR BIN
NOTE NO. 3
1
3
4
5
6
7
9
2
0.25
(0.010)
10°
8.0
(0.315)
4.5
(0.177)
0.7
(0.028)
11.0 ± 0.2
(0.433 ± 0.008)
1.0
(0.039)
4.0
(0.157)
5.0
(0.197)
MIN.
2.0
(0.079)
0.5
(0.020)
NOTES:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
2. ALL UNTOLERANCED DIMENSIONS ARE FOR REFERENCE ONLY.
3. FOR YELLOW AND GREEN SERIES PRODUCT ONLY.
a
b
c
d
e
f
DP
g
8.0
(0.315)
2.0
(0.079)
2.5
(0.098)
5.5
(0.217)
5.3
(0.209)
7.1
(0.280)
MAX.
8


Similar Part No. - HDSP-U213

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U213 HP-HDSP-U213 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U213 AVAGO-HDSP-U213 Datasheet
189Kb / 10P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U213 AVAGO-HDSP-U213 Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U213-00000 HP-HDSP-U213-00000 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U213-00000 HP-HDSP-U213-00000 Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results

Similar Description - HDSP-U213

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U HP-HDSP-U Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-UXXX AVAGO-HDSP-UXXX Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U101 AVAGO-HDSP-U101_12 Datasheet
189Kb / 10P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com