Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDR-80002K Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDR-80002K
Description  Reflective Optical Surface Mount Encoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDR-80002K Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HEDR-80002K Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
State Width (S): The number of
electrical degrees between a
transition in the output of channel
A and the neighboring transition in
the output of channel B. There are
4 states per cycle, each nominally
90
°e.
State Width Error (
S): The
deviation in electrical degrees of
each state width from its ideal
value of 90
°e.
Phase (
φ): The number of
electrical degrees between the
center of the high state on channel
A and the center of the high state
on channel B. This value is
nominally 90
°e.
Phase Error (
φ): The deviation
in electrical degrees of the phase
from its ideal value of 90
°e.
Direction of Rotation: When the
codewheel or codestrip moves in
the direction from pin 1 to pin 4,
as viewed when looking down on
the lenses, channel B will lead
channel A. If the codewheel or
codestrip moves in the opposite
direction, channel A will lead
channel B.
Optical Radius (Rop): For rotary
motion, the distance from the
codewheel’s center of rotation to
the center line connecting the two
lenses of the encoder.
Gap (G): The distance from the
top of the package to the surface of
the reflective codewheel or
codestrip.
Specular Reflectance (Rf): a
measure of a surface’s reflective
finish. This is quantified by the
amount of light reflected when hit
with an incident beam. A device
called a scatterometer is used to
quantify specular reflectance on a
percent scale. (Contact factory for
more information.)
Radial and Tangential
Misalignment Error (ER, ET):
For rotary motion, mechanical
misalignment in the radial and
tangential directions relative to the
codewheel.
Angular Misalignment Error
(EA): angular misalignment of the
sensor in relation to the tangential
direction. This applies for both
rotary and linear motion.
Output Waveforms
HEDR-8000
SHAFT
CODEWHEEL
RADIAL
TANGENTIAL
HEDR-8000
SHAFT
CODEWHEEL
EA
S1
S2
S3
S4
φ
P
C
CH. B
CH. A
ALL FOUR STATES (S1 TO S4)
ARE MAINTAINED.
CODEWHEEL ROTATION OR LINEAR MOVEMENT
AMPLITUDE
Definitions
Count (N): For rotary motion,
the number of bar and window
pairs or counts per revolution
(CPR) of the codewheel. For
linear motion, the number of bar
and window pairs per unit length
(lines per inch [LPI] or lines per
mm [LPmm]).
One Cycle (C): 360 electrical
degrees (
°e), 1 bar and window
pair.
One Shaft Rotation: 360
mechanical degrees, N cycles
(rotary motion only).
Line Density: The number of
reflective and non-reflective pairs
per unit length, expressed as
either lines per inch (LPI) or lines
per mm (LPmm).
Pulse Width (P): The number of
electrical degrees that an output
is high during one cycle,
nominally 180
°e or 1/2 a cycle.
Pulse Width Error (
P): The
deviation in electrical degrees of
the pulse width from its ideal
value of 180
°e.


Similar Part No. - HEDR-80002K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
More results

Similar Description - HEDR-80002K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
AEDR-8300 HP-AEDR-8300 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8000 AVAGO-AEDR-8000 Datasheet
138Kb / 10P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com