Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-U5XX Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-U5XX
Description  8 mm (0.31 inch) Ultra Mini Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-U5XX Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-U5XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-U5XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-U5XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-U5XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-U5XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-U5XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-U5XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-U5XX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP-U5XX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
HER, Orange, Yellow, Green
Figure 5. Maximum Tolerable Peak Current vs. Pulse
Duration – HER, Orange.
Figure 6. Maximum Tolerable Peak Current vs. Pulse
Duration – Yellow.
Figure 9. Forward Current vs.
Forward Voltage Characteristics.
Figure 10. Relative Luminous
Intensity vs. DC Forward Current.
Figure 11. Relative Efficiency
(Luminous Intensity per Unit Current)
vs. Peak Current.
40
0
5
10
15
20
25
30
35
20
100
90
80
70
60
50
40
30
T
– AMBIENT TEMPERATURE – °C
A
120
110
50
45
HER/ORANGE
YELLOW
GREEN
R
= 770°C/W
θθθθ
J-A
Figure 8. Maximum Allowable DC Current vs. Ambient
Temperature.
Figure 7. Maximum Tolerable Peak Current vs. Pulse
Duration – Green.
0
100
80
60
40
20
2.0
4.0
3.0
1.0
V
– FORWARD VOLTAGE – V
F
0
5.0
YELLOW
HER/ORANGE
GREEN
15
0
10
8
6
4
2
20
530
10
25
12
I – FORWARD CURRENT PER SEGMENT – mA
F
0
YELLOW
GREEN
HER/ORANGE
0
I
– PEAK FORWARD CURRENT
PER SEGMENT – mA
PEAK
0.8
1.0
1.2
1.4
100
20
80
60
40
1.8
1.6
GREEN
HER/ORANGE
YELLOW
t
– PULSE DURATION – µs
P
10
1
100
10
10000
1000
100
1
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
OPERATING OF I
MAXIMUM
DC
DC OPERATION
t
– PULSE DURATION – µs
P
10
1
100
10
10000
1000
100
1
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
OPERATING OF I
MAXIMUM
DC
DC OPERATION
t
– PULSE DURATION – µs
P
10
1
100
10
10000
1000
100
1
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
OPERATING OF I
MAXIMUM
DC
DC OPERATION


Similar Part No. - HDSP-U5XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U5XX HP-HDSP-U5XX Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results

Similar Description - HDSP-U5XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U HP-HDSP-U Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-UXXX AVAGO-HDSP-UXXX Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U101 AVAGO-HDSP-U101_12 Datasheet
189Kb / 10P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com