Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-S58G Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-S58G
Description  91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-S58G Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-S58G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-S58G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-S58G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-S58G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-S58G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-S58G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-S58G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP-S58G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDSP-S58G Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Figure 4. Relative luminance vs. peak forward current.
Figure 3. Relative efficiency (luminous
intensity per dot) vs. peak current per dot.
Figure 1. Maximum allowable average
current per dot vs. ambient temperature.
Figure 2. Forward current vs. forward voltage.
1
0
VF – FORWARD VOLTAGE – V
45
35
30
15
5
36
40
25
10
24
20
GaP RED
05
GaP
0
0
IPEAK – PEAK DOT CURRENT – mA
1.4
1.0
0.8
0.6
0.2
20
65
1.2
0.4
10
30
GaP GREEN
515
25
35 40 4550 5560
GaP RED
0
0
IPEAK – PEAK FORWARD CURRENT – mA
90
20
70 80
100
3.5
3.0
2.5
2.0
1.0
0.5
60
50
40
30
10
1.5
0
0
TA – AMBIENT TEMPERATURE – °C
20
80
100
15
60
40
GaP GREEN
5
10
20
25
30
GaP RED


Similar Part No. - HDSP-S58G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S51E-EE000 HP-HDSP-S51E-EE000 Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S51E-EF000 HP-HDSP-S51E-EF000 Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S51E-EG000 HP-HDSP-S51E-EG000 Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S51E-FE000 HP-HDSP-S51E-FE000 Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-S58G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B582 HP-HDSP-B582 Datasheet
94Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S8XE AVAGO-HDSP-S8XE Datasheet
89Kb / 8P
   17.5 mm (0.69 inch) General Purpose 8 x 8 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-B58X HP-HDSP-B58X Datasheet
281Kb / 8P
   53.3 mm (2.1 INCH) GENERAL PURPOSE 5 X 8 DOT MATRIX BI - COLOR ALPHANUMERIC DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B58X AVAGO-HDSP-B58X Datasheet
86Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com