Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS844001AG-21LF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS844001AG-21LF
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844001AG-21LF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS844001AG-21LF Datasheet HTML 7Page - Integrated Device Technology ICS844001AG-21LF Datasheet HTML 8Page - Integrated Device Technology ICS844001AG-21LF Datasheet HTML 9Page - Integrated Device Technology ICS844001AG-21LF Datasheet HTML 10Page - Integrated Device Technology ICS844001AG-21LF Datasheet HTML 11Page - Integrated Device Technology ICS844001AG-21LF Datasheet HTML 12Page - Integrated Device Technology ICS844001AG-21LF Datasheet HTML 13Page - Integrated Device Technology ICS844001AG-21LF Datasheet HTML 14Page - Integrated Device Technology ICS844001AG-21LF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IDT/ ICSINSERT PRODUCT NAME
11
ICS844001AG-21 REV. A SEPTEMBER 14, 2007
ICS844001-21
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
PRELIMINARY
SCHEMATIC EXAMPLE
Figure 5 shows an example of ICS844001-21 application
schematic. In this example, the device is operated at V
DD
= 3.3V.
The 18pF parallel resonant 25MHz crystal is used. The C1 = 22pF
and C2 = 22pF are recommended for frequency accuracy. For
different board layout, the C1 and C2 may be slightly adjusted for
optimizing frequency accuracy. One example of LVDS and one
example of LVCMOS terminations are shown in this schematic.
The decoupling capacitors should be located as close as possible
to the power pin.
FIGURE 5. ICS844001-21 SCHEMATIC LAYOUT


Similar Part No. - ICS844001AG-21LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844001AGI ICST-ICS844001AGI Datasheet
162Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
logo
Renesas Technology Corp
ICS844001AGILF RENESAS-ICS844001AGILF Datasheet
399Kb / 15P
   FemtoClock® Crystal-to-LVDS Clock Generator
2019
ICS844001AGILFT RENESAS-ICS844001AGILFT Datasheet
399Kb / 15P
   FemtoClock® Crystal-to-LVDS Clock Generator
2019
logo
Integrated Circuit Syst...
ICS844001AGIT ICST-ICS844001AGIT Datasheet
162Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
More results

Similar Description - ICS844001AG-21LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
logo
Integrated Device Techn...
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844004-104 IDT-ICS844004-104 Datasheet
925Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008-16 ICST-ICS844008-16 Datasheet
144Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002I-01 ICST-ICS844002I-01 Datasheet
163Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com