Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-0961 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-0961
Description  Hexadecimal and Numeric Displays for Industrial Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-0961 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-0961 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-0961 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-0961 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-0961 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-0961 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-0961 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-0961 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-0961 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-0961 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Absolute Maximum Ratings
Description
Symbol
Min.
Max.
Unit
Storage Temperature, Ambient
TS
-65
+100
°C
Operating Temperature, Ambient[1]
TA
-55
+85
°C
Supply Voltage[2]
VCC
-0.5
+7.0
V
Voltage Applied to Input Logic, dp and Enable Pins
VI, VDP, VE
-0.5
VCC
V
Voltage Applied to Blanking Input[2]
VB
-0.5
VCC
V
Soldering Temperature [1.59 mm (0.063 inch) Below Body]
Solder Dipping, max. 5 Seconds
260
°C
Wave Soldering, max. 3 Seconds
250
°C
Recommended Operating Conditions
Description
Symbol
Min.
Nom.
Max.
Unit
Supply Voltage[2]
VCC
4.5
5.0
5.5
V
Operating Temperature, Ambient[1]
TA
-55
+85
°C
Enable Pulse Width
tW
100
nsec
Time Data Must Be Held Before Positive Transition of Enable Line
tSETUP
50
nsec
Time Data Must Be Held After Positive Transition of Enable Line
tHOLD
50
nsec
Enable Pulse Rise Time
tTLH
1.0
msec
Optical Characteristics at TA = 25°C, VCC = 5.0 V
Device
Description
Symbol
Min.
Typ.
Max.
Unit
HDSP-0760
Luminous Intensity per LED (Digit Average)[3,4]
IV
65
140
µcd
Series
Peak Wavelength
lPEAK
635
nm
Dominant Wavelength[5]
ld
626
nm
HDSP-0770
Luminous Intensity per LED (Digit Average)[3,4]
IV
260
620
µcd
Series
Peak Wavelength
lPEAK
635
nm
Dominant Wavelength[5]
ld
626
nm
HDSP-0860
Luminous Intensity per LED (Digit Average)[3,4]
IV
215
490
µcd
Series
Peak Wavelength
lPEAK
583
nm
Dominant Wavelength[5,6]
ld
585
nm
HDSP-0960
Luminous Intensity per LED (Digit Average)[3,4]
IV
298
1100
µcd
Series
Peak Wavelength
lPEAK
568
nm
Dominant Wavelength[5,6]
ld
574
nm
Notes:
1. The nominal thermal resistance of a display mounted in a socket that is soldered onto a printed circuit board is RqJA = 50°C/W/device. The device
package thermal resistance is RqJ-PIN = 15°C/W/device. The thermal resistance device pin-to-ambient through the PC board should not exceed
35
°C/W/device for operation at TA = +85°C.
2. Voltage values are with respect to device ground, pin 6.
3. These displays are categorized for luminous intensity with the intensity category designated by a letter code located on the back of the display
package. Case temperature of the device immediately prior to the light measurement is equal to 25
°C.


Similar Part No. - HDSP-0961

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-0961 HP-HDSP-0961 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0961 AVAGO-HDSP-0961 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-0961

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com