Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES8T5AZABC Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 89HPES8T5AZABC
Description  8-Lane 5-Port PCI Express Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES8T5AZABC Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 89HPES8T5AZABC Datasheet HTML 7Page - Integrated Device Technology 89HPES8T5AZABC Datasheet HTML 8Page - Integrated Device Technology 89HPES8T5AZABC Datasheet HTML 9Page - Integrated Device Technology 89HPES8T5AZABC Datasheet HTML 10Page - Integrated Device Technology 89HPES8T5AZABC Datasheet HTML 11Page - Integrated Device Technology 89HPES8T5AZABC Datasheet HTML 12Page - Integrated Device Technology 89HPES8T5AZABC Datasheet HTML 13Page - Integrated Device Technology 89HPES8T5AZABC Datasheet HTML 14Page - Integrated Device Technology 89HPES8T5AZABC Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11 of 29
September 7, 2007
IDT 89HPES8T5A Data Sheet
System Clock Parameters
Values based on systems running at recommended supply voltages and operating temperatures, as shown in Tables 13 and 14.
AC Timing Characteristics
Parameter
Description
Min
Typical
Max
Unit
PEREFCLK
RefclkFREQ
Input reference clock frequency range
100
1251
1. The input clock frequency will be either 100 or 125 MHz depending on signal REFCLKM.
MHz
RefclkDC2
2. ClkIn must be AC coupled. Use 0.01 — 0.1 µF ceramic capacitors.
Duty cycle of input clock
40
50
60
%
TR, TF
Rise/Fall time of input clocks
0.2*RCUI
RCUI3
3. RCUI (Reference Clock Unit Interval) refers to the reference clock period.
VSW
Differential input voltage swing4
4. AC coupling required.
0.6
1.6
V
Tjitter
Input clock jitter (cycle-to-cycle)
125
ps
Table 9 Input Clock Requirements
Parameter
Description
Min
Typical
Max
Units
PCIe Transmit
TTX-RISE, TTX-FALL Rise / Fall time of TxP, TxN outputs
80
1101
ps
UI
Unit Interval
399.88
400
400.12
ps
TTX-MAX-JITTER
Transmitter Total Jitter (peak-to-peak)
0.252
UI
TTX-EYE
Minimum Tx Eye Width (1 - TTX-MAX-JITTER)0.75
UI
TTX-EYE-MEDIAN-to-
MAX-JITTER
Maximum time between the jitter median and maximum
deviation from the median
0.15
UI
LTLAT-10
Transmitter data latency (for n=10)
9
11
bits
LTLAT-20
Transmitter data latency (for n=20)
9
11
bits
TTX-SKEW
Transmitter data skew between any 2 lanes
500
1300
ps
TTX-IDLE-SET-TO-
IDLE
Maximum time to transition to a valid electrical idle after
sending an Electrical Idle ordered set
46
ns
TEIExit
Time to exit Electrical Idle (L0s) state into L0
12
16
ns
TBTEn
Time from asserting Beacon TxEn to beacon being trans-
mitted on the lane
30
80
ns
TRxDetectEn
Pulse width of RxDetectEn input
9.8
10
10.2
ns
TRxDetect
RxDetectEn falling edge to RxDetect delay
1
2
ns
PCIe Receive
LRLAT-10
Recover data latency for n=10
28
29
bits
LRLAT-20
Recover data latency for n=20
49
60
bits
Table 10 PCIe AC Timing Characteristics (Part 1 of 2)


Similar Part No. - 89HPES8T5AZABC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES8T5A RENESAS-89HPES8T5A Datasheet
469Kb / 30P
   8-Lane 5-Port PCI Express® Switch
June 18, 2014
More results

Similar Description - 89HPES8T5AZABC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES8T5A RENESAS-89HPES8T5A Datasheet
469Kb / 30P
   8-Lane 5-Port PCI Express® Switch
June 18, 2014
PES8T5 RENESAS-PES8T5 Datasheet
744Kb / 32P
   8-Lane 5-Port PCI Express® Switch
March 27, 2008
logo
Integrated Device Techn...
89PES5T5 IDT-89PES5T5 Datasheet
437Kb / 26P
   5-Lane 5-Port PCI Express Switch
89HPES6T5 IDT-89HPES6T5 Datasheet
461Kb / 28P
   6-Lane 5-Port PCI Express Switch
logo
Renesas Technology Corp
89HPES6T5 RENESAS-89HPES6T5 Datasheet
470Kb / 29P
   6-Lane 5-Port PCI Express® Switch
June 18, 2014
logo
PLX Technology
PEX8609 PLX-PEX8609 Datasheet
1,007Kb / 4P
   Flexible & Versatile 8-lane 8-port PCI Express Switch
logo
Renesas Technology Corp
PES32T8 RENESAS-PES32T8 Datasheet
1Mb / 38P
   32-Lane 8-Port PCI Express® Switch
March 25, 2008
logo
Integrated Device Techn...
89HPES32H8 IDT-89HPES32H8 Datasheet
871Kb / 40P
   32-Lane 8-Port PCI Express System Interconnect Switch
89HPES3T3 IDT-89HPES3T3 Datasheet
395Kb / 23P
   3-Lane 3-Port PCI Express Switch
89HPES4T4 IDT-89HPES4T4 Datasheet
399Kb / 23P
   4-Lane 4-Port PCI Express Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com