Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5451A Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5451A
Description  Six-channel, Delta-sigma Analog-to-digital Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5451A_05 Datasheet HTML 3Page - Cirrus Logic CS5451A_05 Datasheet HTML 4Page - Cirrus Logic CS5451A_05 Datasheet HTML 5Page - Cirrus Logic CS5451A_05 Datasheet HTML 6Page - Cirrus Logic CS5451A_05 Datasheet HTML 7Page - Cirrus Logic CS5451A_05 Datasheet HTML 8Page - Cirrus Logic CS5451A_05 Datasheet HTML 9Page - Cirrus Logic CS5451A_05 Datasheet HTML 10Page - Cirrus Logic CS5451A_05 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CS5451A
DS635F2
7
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Notes: 10. Applies to all pins including continuous over-voltage conditions at the analog input (AIN) pins.
11.
Transient current of up to 100 mA will not cause SCR latch-up. Maximum input current for a power supply pin is
±50 mA.
12.
Total power dissipation, including all input currents and output currents.
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
Positive Digital
Positive Analog
Negative Analog
VD+
VA+
VA-
-0.3
-0.3
-2.5
-
-
+3.5
+3.5
-0.3
V
V
V
Input Current, Any Pin Except Supplies
(Note 10 and 11)
IIN
--
±10
mA
Output Current
IOUT
--
±25
mA
Power Dissipation
(Note 12)
PDN
-
-
500
mW
Analog Input Voltage
All Analog Pins
VINA
(VA-) - 0.3
-
(VA+) + 0.3
V
Digital Input Voltage
All Digital Pins
VIND
-0.3
-
(VD+) + 0.3
V
Ambient Operating Temperature
TA
-40
-
85
°C
Storage Temperature
Tstg
-65
-
150
°C


Similar Part No. - CS5451A_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5451A-IS CIRRUS-CS5451A-IS Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A-IS CIRRUS-CS5451A-IS Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-ISZ CIRRUS-CS5451A-ISZ Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
More results

Similar Description - CS5451A_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
logo
Cirrus Logic
CS5471 CIRRUS-CS5471 Datasheet
356Kb / 14P
   DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com