Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-311A Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-311A
Description  10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-311A Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-311A Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-311A Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-311A Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-311A Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-311A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-311A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-311A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-311A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-311A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
This 10.16 mm (0.4 inch) LED single digit seven
segment display uses industry standard size package
and pinout. The device is available in either common
anode or common cathode. The choice of colors
includes High Efficiency Red (HER), Green, AlGaAs
Red, and Yellow. The gray face displays are suitable for
indoor use.
Devices
HER
Green
AlGaAs Red
Yellow
Description
Package Drawing
HDSP-311E
HDSP-311G
HDSP-311A
HDSP-311Y
Common Anode Right
A
Hand Decimal
HDSP-313E
HDSP-313G
HDSP-313A
HDSP-313Y
Common Cathode Right
B
Hand Decimal
Features
• Industry standard size
• Industry standard pinout
10.16 mm (0.4 inch) character height
DIP lead on 2.54 mm
• Choice of colors
High Efficiency Red (HER), Green, AlGaAs Red, and
Yellow
• Excellent appearance
Evenly lighted segments gray package gives optimum
contrast
± 50 ft. viewing angle
• Design flexibility
Common anode right hand decimal point or common
cathode right hand decimal point
• Categorized for luminous intensity
Green and yellow categorized for color
Applications
• Suitable for indoor use
• Not recommended for industrial application, i.e.,
operating temperature requirements exceeding +85˚C
or below –25˚C[1]
• Extreme temperature cycling not recommended
Note:
1. For additional details, please contact your local Avago sales office or
an authorized distributor.
HDSP-311x/313x
10.16 mm (0.4 inch) Single Digit General Purpose
Seven Segment Display
Data Sheet


Similar Part No. - HDSP-311A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-311A AVAGO-HDSP-311A Datasheet
80Kb / 11P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
More results

Similar Description - HDSP-311A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-311E AVAGO-HDSP-311E_12 Datasheet
80Kb / 11P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
HDSP-G01E AVAGO-HDSP-G01E_12 Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-G01X HP-HDSP-G01X Datasheet
111Kb / 12P
   Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LTS-4640AE LITEON-LTS-4640AE Datasheet
106Kb / 5P
   The LTS-4640AE is a 0.4-inch (10.16-mm) digit height single digit seven-segment display.
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS4801G LITEON-LTS4801G Datasheet
128Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
LUMEX INC.
LDS-A402RI LUMEX-LDS-A402RI Datasheet
70Kb / 1P
   0.4 SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
Lite-On Technology Corp...
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
   0.4 inch (10.0mm) digit height single digit, seven-segment display
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com