Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-2504 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-2504
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-2504 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-2504 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-2504 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-2504 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-2504 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP-2504 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDSP-2504 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HDSP-2504 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HDSP-2504 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HDSP-2504 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Character RAM
This RAM stores either ASCII character data or a UDC RAM address.
Flash RAM
This is a 1 x 8 RAM which stores Flash data.
User-Defined Character RAM
This RAM stores the dot pattern for custom characters.
(UDC RAM)
User-Defined Character
This register is used to provide the address to the UDC RAM when the user is
Address Register
writing or reading a custom character.
(UDC Address Register)
Control Word Register
This register allows the user to adjust the display brightness, flash individual
characters, blink, self test, or clear the display.
Display Internal Block Diagram
Figure 1 shows the internal block diagram of the HDSP-
210X/-211X/-250X displays. The CMOS IC consists of an 8
byte Character RAM, an 8 bit Flash RAM, a 128 character
ASCII decoder, a 16 character UDC RAM, a UDC Address
Register, a Control Word Register, and refresh circuitry
necessary to synchronize the decoding and driving of
eight 5 x 7 dot matrix characters. The major user-acces-
sible portions of the display are listed below:
Character RAM
Figure 2 shows the logic levels needed to access the
HDSP-210X/-211X/-250X Character RAM. During a
normal access, the CE = “0” and either RD = “0” or WR =
“0.” However, erroneous data may be written into the
Character RAM if the address lines are unstable when CE
= “0” regardless of the logic levels of the RD or WR lines.
Address lines A0-A2 are used to select the location in the
Character RAM. Two types of data can be stored in each
Character RAM location: an ASCII code or a UDC RAM
address. Data bit D7 is used to differentiate between the
ASCII character and a UDC RAM address. D7 = 0 enables
the ASCII decoder and D7 = 1 enables the UDC RAM. D0-
D6 are used to input ASCII data and D0-D3 are used to
input a UDC address.
Figure 2. Logic levels to access the character RAM.
CE
FL
A4
A3
A2
A1
A0
RST
WR
RD
CHARACTER
ADDRESS
SYMBOL IS ACCESSED IN LOCATION
SPECIFIED BY THE CHARACTER ADDRESS ABOVE
0
1
0
0
0
1
1
1
1
1
0
1
1
UNDEFINED
CONTROL SIGNALS
CHARACTER RAM ADDRESS
CHARACTER RAM DATA FORMAT
WRITE TO DISPLAY
READ FROM DISPLAY
UNDEFINED
000 = LEFT MOST
111 = RIGHT MOST
D7
D6
D5
D4
D3
D2
D1
D0
0
128 ASCII CODE
X
X
X
UDC CODE
1
DISPLAY
0 = LOGIC 0; 1 = LOGIC 1; X = DO NOT CARE
DIG0 DIG1 DIG2 DIG3 DIG4 DIG5 DIG6 DIG7
001
010
011
100
101
110
111
000


Similar Part No. - HDSP-2504

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2504 HP-HDSP-2504 Datasheet
406Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2504 AVAGO-HDSP-2504 Datasheet
344Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2504 AVAGO-HDSP-2504 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
More results

Similar Description - HDSP-2504

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-210X AVAGO-HDSP-210X_08 Datasheet
344Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-253X HP-HDSP-253X Datasheet
407Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2533 AVAGO-HDSP-2533 Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDSP-253 HP-HDSP-253 Datasheet
201Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-253X AVAGO-HDSP-253X Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Broadcom Corporation.
HDSP-253X BOARDCOM-HDSP-253X Datasheet
813Kb / 18P
   Eight Character 5-mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com