Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES16T4G2ZABXG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 89HPES16T4G2ZABXG
Description  16-Lane 4-Port Gen2 PCI Express Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES16T4G2ZABXG Datasheet(HTML) 1 Page - Integrated Device Technology

  89HPES16T4G2ZABXG Datasheet HTML 1Page - Integrated Device Technology 89HPES16T4G2ZABXG Datasheet HTML 2Page - Integrated Device Technology 89HPES16T4G2ZABXG Datasheet HTML 3Page - Integrated Device Technology 89HPES16T4G2ZABXG Datasheet HTML 4Page - Integrated Device Technology 89HPES16T4G2ZABXG Datasheet HTML 5Page - Integrated Device Technology 89HPES16T4G2ZABXG Datasheet HTML 6Page - Integrated Device Technology 89HPES16T4G2ZABXG Datasheet HTML 7Page - Integrated Device Technology 89HPES16T4G2ZABXG Datasheet HTML 8Page - Integrated Device Technology 89HPES16T4G2ZABXG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1 of 32
September 4, 2007
© 2007 Integrated Device Technology, Inc.
*Notice: The information in this document is subject to change without notice
DSC 6928
®
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
Device Overview
The 89HPES16T4G2 is a member of IDT’s PRECISE™ family of PCI
Express® switching solutions. The PES16T4G2 is a 16-lane, 4-port
Gen2 peripheral chip that performs PCI Express Base switching with a
feature set optimized for high performance applications such as servers,
storage, and communications/networking. It provides connectivity and
switching functions between a PCI Express upstream port and up to
three downstream ports and supports switching between downstream
ports.
Features
High Performance PCI Express Switch
– Sixteen 5 Gbps Gen2 PCI Express lanes
– Four switch ports
• One x4 upstream port
• Three x4 downstream ports
– Low latency cut-through switch architecture
– Support for Max Payload Size up to 2048 bytes
– One virtual channel
– Eight traffic classes
– PCI Express Base Specification Revision 2.0 compliant
Flexible Architecture with Numerous Configuration Options
– Automatic per port link width negotiation to x4, x2 or x1
– Automatic lane reversal on all ports
– Automatic polarity inversion
– Ability to load device configuration from serial EEPROM
Legacy Support
– PCI compatible INTx emulation
– Bus locking
Highly Integrated Solution
– Incorporates on-chip internal memory for packet buffering and
queueing
– Integrates sixteen 5 Gbps embedded SerDes with 8b/10b
encoder/decoder (no separate transceivers needed)
• Receive equalization (RxEQ)
Reliability, Availability, and Serviceability (RAS) Features
– Internal end-to-end parity protection on all TLPs ensures data
integrity even in systems that do not implement end-to-end
CRC (ECRC)
– Supports ECRC and Advanced Error Reporting
– Supports PCI Express Native Hot-Plug, Hot-Swap capable I/O
– Compatible with Hot-Plug I/O expanders used on PC mother-
boards
– Supports Hot-Swap
Block Diagram
Figure 1 Internal Block Diagram
4-Port Switch Core / 16 PCI Express Lanes
Frame Buffer
Route Table
Port
Arbitration
Scheduler
SerDes
Phy
Logical
Layer
Multiplexer / Demultiplexer
Transaction Layer
Data Link Layer
Multiplexer / Demultiplexer
Transaction Layer
Data Link Layer
Multiplexer / Demultiplexer
Transaction Layer
Data Link Layer
(Port 0)
(Port 2)
(Port 6)
Multiplexer / Demultiplexer
Transaction Layer
Data Link Layer
(Port 4)
SerDes
Phy
Logical
Layer
SerDes
Phy
Logical
Layer
SerDes
Phy
Logical
Layer
89HPES16T4G2
Data Sheet
Advance Information*
16-Lane 4-Port
Gen2 PCI Express® Switch


Similar Part No. - 89HPES16T4G2ZABXG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
   16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
More results

Similar Description - 89HPES16T4G2ZABXG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
   16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T4AG2 RENESAS-89HPES16T4AG2 Datasheet
500Kb / 33P
   16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES4T4G2 RENESAS-89HPES4T4G2 Datasheet
892Kb / 31P
   4-Lane 4-Port Gen2 PCI Express® Switch
May 23, 2013
PES10T4BG2 RENESAS-PES10T4BG2 Datasheet
1Mb / 32P
   10-Lane 4-Port Gen2 PCI Express® Switch
February 2, 2010
PES10T4G2 RENESAS-PES10T4G2 Datasheet
478Kb / 31P
   10-Lane 4-Port Gen2 PCI Express® Switch
May 10, 2016
logo
Integrated Device Techn...
89HPES12T3G2 IDT-89HPES12T3G2 Datasheet
559Kb / 31P
   12-Lane 3-Port Gen2 PCI Express Switch
logo
Renesas Technology Corp
PES12T3BG2 RENESAS-PES12T3BG2 Datasheet
931Kb / 31P
   12-Lane 3-Port Gen2 PCI Express® Switch
February 2, 2010
89HPES24T3G2 RENESAS-89HPES24T3G2 Datasheet
680Kb / 51P
   24-Lane 3-Port Gen2 PCI Express® Switch
Revision 2.0
89HPES16T4 RENESAS-89HPES16T4 Datasheet
983Kb / 32P
   16-Lane 4-Port PCI Express® Switch
March 25, 2008
89HPES12T3G2 RENESAS-89HPES12T3G2 Datasheet
784Kb / 31P
   12-Lane 3-Port Gen2 PCI Express® Switch
August 10, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com