Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-086X Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-086X
Description  Hexadecimal and Numeric Displays for Industrial Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-086X Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-086X Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-086X Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-086X Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-086X Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-086X Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-086X Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-086X Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-086X Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-086X Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Device Selection Guide
Part Number
Front
HDSP-
Color
Description
View
0760
High-Efficiency
Numeric, Right Hand DP
A
0761
Red
Numeric, Left Hand DP
B
0762
Low Power
Hexadecimal
C
0763
Over Range
±1D
0770
High-Efficiency
Numeric, Right Hand DP
A
0771
Red
Numeric, Left Hand DP
B
0772
High Brightness
Hexadecimal
C
0763
Over Range
±1D
0860
Yellow
Numeric, Right Hand DP
A
0861
Numeric, Left Hand DP
B
0862
Hexadecimal
C
0863
Over Range
±1D
0960
Green
Numeric, Right Hand DP
A
0961
Numeric, Left Hand DP
B
0962
Hexadecimal
C
0963
Over Range
±1D
HDSP-076x Series, HDSP-077x Series
HDSP-086x Series, HDSP-096x Series
Features
• Three colors: High-efficiency red
Yellow
High performance green
• Two high-efficiency red options
– Low power
– High brightness
• Three character options
– Numeric
– Hexadecimal
– Over range
• Performance guaranteed over temperature
• Memory latch/decoder/driver: TTL compatible
•4 x 7 dot matrix character
• Categorized for luminous intensity
• Yellow and green categorized for color
Typical Applications
• Industrial equipment
• Computer peripherals
• Instrumentation
• Telecommunication equipment
Description
These solid state display devices are designed and
tested for use in adverse industrial environments. The
character height is 7.4 mm (0.29 inch). The numeric
and hexadecimal devices incorporate an on-board IC
that contains the data memory, decoder and display
driver functions.
The numeric devices decode positive BCD logic into
charac-ters “0-9”, a “–” sign, decimal point, and a test
pattern. The hexadecimal devices decode positive BCD
logic into 16 characters, “0-9, A-F.” An input is provided
on the hexadecimal devices to blank the display (all
LEDs off) without losing the contents of the memory.
The over range device displays “
±1” and right hand
decimal point and is typically driven via external
switching transistors.
HDSP-076x Series
Hexadecimal and Numeric Displays
for Industrial Applications
Data Sheet


Similar Part No. - HDSP-086X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-086X HP-HDSP-086X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-086X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com