Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMS-2922 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2922
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2922 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCMS-2922 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCMS-2922 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCMS-2922 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-2922 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-2922 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2922 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2922 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2922 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2922 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Electrical Characteristics Over Operating Temperature Range (-40
°C to +85°C)
TA = 25°C
-40
°C < TA < 85°C
VLOGIC = 5.0 V
3.0 V < VLOGIC < 5.5 V
Parameter
Symbol
Typ.
Max.
Min.
Max.
Units
Test Conditions
Input Leakage Current
II
µAVIN = 0 V to VLOGIC
HCMS-290X/296X (4 char)
+7.5
-2.5
+50
HCMS-291X/297X (8 char)
+15
-5.0
+100
HCMS-292X (16 char)
+15
-5.0
+100
ILOGIC OPERATING
ILOGIC(OPT)
mA
VIN = VLOGIC
HCMS-290X/296X (4 char)
0.4
2.5
5
HCMS-291X/297X (8 char)
0.8
5
10
HCMS-292X (16 char)
0.8
5
10
ILOGIC SLEEP[1]
ILOGIC(SLP)
µAVIN = VLOGIC
HCMS-290X/296X (4 char)
5
15
25
HCMS-291X/297X (8 char)
10
30
50
HCMS-292X (16 char)
10
30
50
ILED BLANK
ILED(BL)
mA
BL = 0 V
HMCS-290X/296X (4 char)
2.0
4
4.0
HCMS-291X/297X (8 char)
4.0
8
8
HCMS-292X (16 char)
4.0
8
8
ILED SLEEP[1]
ILED(SLP)
µA
HCMS-290X/296X (4 char)
1
3
50
HCMS 291X/297X (8 char)
2
6
100
HCMS-292X (16 char)
2
6
100
Peak Pixel Current[2]
IPIXEL
VLED = 5.5 V
HCMS-29X5 (AlGaAs)
15.4
17.1
18.7
mA
All pixels ON,
HCMS-29XX (Other Colors)
14.0
15.9
17.1
mA
Average value per pixel
HIGH Level Input Voltage
Vih
2.0
V
4.5 V < VLOGIC < 5.5 V
0.8 VLOGIC
V
3.0 V < VLOGIC < 4.5 V
LOW Level Input Voltage
Vil
0.8
V
4.5 V < VLOGIC < 5.5 V
0.2 VLOGIC
V
3.0 V < VLOGIC < 4.5 V
HIGH Level Output Voltage
Voh
2.0
V
VLOGIC = 4.5 V,
Ioh = -40 µA
0.8 VLOGIC
V
3.0 V < VLOGIC < 4.5 V
LOW Level Output Voltage
Vol
0.4
V
VLOGIC = 5.5 V,
Iol = 1.6 mA[3]
0.2 VLOGIC
V
3.0 V < VLOGIC < 4.5 V
Thermal Resistance
RqJ-P
70
°C/W IC junction to pin
Notes:
1. In SLEEP mode, the internal oscillator and reference current for LED drivers are off.
2. Average peak pixel current is measured at the maximum drive current set by Control Register 0. Individual pixels may exceed this value.
3. For the Oscillator Output, Iol = 40 µA.


Similar Part No. - HCMS-2922

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-2922 HP-HCMS-2922 Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-2922 HP-HCMS-2922 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2922 AVAGO-HCMS-2922 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2922 BOARDCOM-HCMS-2922 Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
More results

Similar Description - HCMS-2922

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com