Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS557G-06T Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS557G-06T
Description  1 TO 4 HCSL CLOCK BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS557G-06T Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS557G-06T Datasheet HTML 3Page - Integrated Device Technology ICS557G-06T Datasheet HTML 4Page - Integrated Device Technology ICS557G-06T Datasheet HTML 5Page - Integrated Device Technology ICS557G-06T Datasheet HTML 6Page - Integrated Device Technology ICS557G-06T Datasheet HTML 7Page - Integrated Device Technology ICS557G-06T Datasheet HTML 8Page - Integrated Device Technology ICS557G-06T Datasheet HTML 9Page - Integrated Device Technology ICS557G-06T Datasheet HTML 10Page - Integrated Device Technology ICS557G-06T Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ICS557-06
1 TO 4 HCSL CLOCK BUFFER
PCIE FAN OUT BUFFER
IDT™ / ICS™ 1 TO 4 HCSL CLOCK BUFFER
7
ICS557-06
REV F 090407
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS557-06. These ratings are stress
ratings only. Functional operation of the device at these or any other conditions above those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended
operating temperature range.
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C
1. Single edge is monotonic when transitioning through region.
2. Inputs with pull-ups/-downs are not included.
Item
Rating
Supply Voltage, VDD, VDDA
5.5 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (commercial)
0 to +70
° C
Ambient Operating Temperature (industrial)
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
ESD Protection (Input)
2000 V min. (HBM)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
3.135
3.465
Input High Voltage1
VIH
OE, SEL, PD
2.0
VDD +0.3
V
Input Low Voltage1
VIL
OE, SEL, PD
VSS-0.3
0.8
V
Input Leakage Current2
IIL
0 < Vin < VDD
-5
5
µA
Operating Supply Current
IDD
50
Ω, 2pF
55
mA
IDDOE
OE =Low
20
mA
IDDPD
No load, PD =Low
400
µA
Input Capacitance
CIN
Input pin capacitance
7
pF
Output Capacitance
COUT
Output pin capacitance
6
pF
Pin Inductance
LPIN
5nH
Output Resistance
ROUT
CLK outputs
3.0
k
Pull-up Resistor
RPUP
SEL, OE, PD
110
k


Similar Part No. - ICS557G-06T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557G-06T ICST-ICS557G-06T Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
More results

Similar Description - ICS557G-06T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C557-06 PERICOM-PI6C557-06 Datasheet
844Kb / 8P
   1:4 HCSL PCIe Buffer
PI6C20800S PERICOM-PI6C20800S Datasheet
370Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
   1 to 4 Clock Buffer
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
   1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S_10 Datasheet
619Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
logo
Pericom Semiconductor C...
PI6C20800B PERICOM-PI6C20800B Datasheet
701Kb / 10P
   PCI Express 3.0 1:8 HCSL Clock Buffer
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com