Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS557G-06 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS557G-06
Description  1 TO 4 HCSL CLOCK BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS557G-06 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS557G-06 Datasheet HTML 1Page - Integrated Device Technology ICS557G-06 Datasheet HTML 2Page - Integrated Device Technology ICS557G-06 Datasheet HTML 3Page - Integrated Device Technology ICS557G-06 Datasheet HTML 4Page - Integrated Device Technology ICS557G-06 Datasheet HTML 5Page - Integrated Device Technology ICS557G-06 Datasheet HTML 6Page - Integrated Device Technology ICS557G-06 Datasheet HTML 7Page - Integrated Device Technology ICS557G-06 Datasheet HTML 8Page - Integrated Device Technology ICS557G-06 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ICS557-06
1 TO 4 HCSL CLOCK BUFFER
PCIE FAN OUT BUFFER
IDT™ / ICS™ 1 TO 4 HCSL CLOCK BUFFER
2
ICS557-06
REV F 090407
Pin Assignment
Select Table
Pin Descriptions
13
4
12
5
11
IN2
8
9
10
GND
OE
CLKC
CLKD
GND
CLKD
17
16
IREF
3
IN1
IN1
CLKB
18
CLKB
1
SEL
VDDIN
CLKA
20
CLKA
19
14
2
7
IN2
PD
VDD
CLKC
15
6
20-pin (173 mil) TSSOP
SEL
Input Pair
selected
0IN2/ IN2
1IN1/ IN1
Pin
Pin
Name
Pin
Type
Pin Description
1
SEL
Input
SEL=1 selects IN1/IN1. SEL =0 selects IN2/ IN2. Internal pull-up resistor.
2
VDDIN
Power
Connect to +3.3 V. Supply voltage for Input clocks.
3
IN1
Input
HCSL/LVDS true input signal 1.
4
IN1
Input
HCSL/LVDS complimentary input signal 1.
5
PD
Input
Powers down the chip and tri-states outputs when low. Internal pull-up
6
IN2
Input
HCSL/LVDS true input signal 2.
7
IN2
Input
HCSL/LVDS complimentary input signal 2.
8
OE
Input
Provides fast output on, tri-states output (High = enable outputs; Low =
disable). Internal pull-up resistor outputs.
9
GND
Power
Connect to ground.
10
Rr(IREF)
Output
Precision resistor attached to this pin is connected to the internal current
11
CLKD
Output
Differential Complimentary output clock D.
12
CLKD
Output
Differential True output clock D.
13
CLKC
Output
Differential Complimentary output clock C.
14
CLKC
Output
Differential True output clock C.
15
VDDOUT
Power
Connect to +3.3 V. Supply Voltage for Output Clocks.
16
GND
Power
Connect to ground.
17
CLKB
Output
Differential Complimentary output clock B.
18
CLKB
Output
Differential True output clock B.
19
CLKA
Output
Differential Complimentary output clock A.
20
CLKA
Output
Differential True output clock A.


Similar Part No. - ICS557G-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557G-06 ICST-ICS557G-06 Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
ICS557G-06LF ICST-ICS557G-06LF Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
ICS557G-06LFT ICST-ICS557G-06LFT Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
ICS557G-06T ICST-ICS557G-06T Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
More results

Similar Description - ICS557G-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C557-06 PERICOM-PI6C557-06 Datasheet
844Kb / 8P
   1:4 HCSL PCIe Buffer
PI6C20800S PERICOM-PI6C20800S Datasheet
370Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
   1 to 4 Clock Buffer
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
   1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S_10 Datasheet
619Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
logo
Pericom Semiconductor C...
PI6C20800B PERICOM-PI6C20800B Datasheet
701Kb / 10P
   PCI Express 3.0 1:8 HCSL Clock Buffer
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com