Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-5201 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5201
Description  Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5201 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-5201 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image

Absolute Maximum Ratings
Recommended Operating Conditions
ESD Classification
8 Pin Ceramic DIP Single Channel Schematic
Parameter
Symbol
Min.
Max.
Units
Storage�em�erature�ange
S
�6��
���0�
C
��erating�mbient�em�erature
����
�����
C
Junction�em�erature
J
��7��
C
Ca�e�em�erature
C
��70�
C
�eadSolder�em�erature
(�.6mmbelow�eating�lane)
�60��or�0�
C
�verage�orwardCurrent��eachchannel
����
m�
Peak�n�utCurrent��eachchannel
�P�
�0[�]
m�
�ever�e�n�ut�oltage��eachchannel
�verage�ut�utCurrent��eachchannel
��
m�
Su��l���oltage
CC
0.0
�0
�ut�ut�oltage��eachchannel
�0.�
�0
PackagePowerDi��i�ation��eachchannel
PD
�00
m�
Single Channel Product Only
�ri�StateEnable�oltage
E
�0.�
�0
(MIL-STD-883, Method 3015)
��CP����00�0��0�and��CP��6��0������
(
D)��Cla���
��CP�����0������and��CP��6��0������
(Dot)��Cla���
Parameter
Symbol
Min.
Max.
Units
PowerSu��l���oltage
CC
��.�
�0
�n�utCurrent����igh�evel��eachchannel
���
m�
�n�ut�oltage���ow�evel��eachchannel
��
0
0.�
�an�ut(����oad)��eachchannel
N
��
Single Channel Product Only
��igh�evelEnable�oltage
E��
�.0
�0
�ow�evelEnable�oltage
E�
0
0.�
Noteenable�in6.�ne�ternal0.0���to0.���b���a��ca�acitori�recommendedbetween�CCandground�oreach�ackaget���e.


Similar Part No. - HCPL-5201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5201 HP-HCPL-5201 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-5201-100 HP-HCPL-5201-100 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-5201-200 HP-HCPL-5201-200 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-5201-300 HP-HCPL-5201-300 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results

Similar Description - HCPL-5201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com