Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMS-3966 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-3966
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-3966 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-3966 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-3966 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-3966 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-3966 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-3966 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCMS-3966 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCMS-3966 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCMS-3966 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCMS-3966 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
Figure 5. HCMS-39XX write cycle timing diagram.
Pixel Map
In a 4-character display, the 160-
bits are arranged as 20 columns
by 8 rows. This array can be
conceptualized as four 5 x 8 dot
matrix character locations, but
only 7 of the 8 rows have LEDs
(see Figures 6 & 7). The bottom
row (row 0) is not used. Thus,
latch location 0 is never
displayed. Column 0 controls the
left-most column. Data from Dot
Latch locations 0-7 determine
whether or not pixels in Column
0 are turned-on or turned-off.
Therefore, the lower left pixel is
turned-on when a logic high is
stored in Dot Latch location 1.
Characters are loaded in serially,
with the left-most character
being loaded first and the right-
most character being loaded last.
By loading one character at a
time and latching the data before
loading the next character, the
figures will appear to scroll from
right to left.
NOTE:
1. DATA IS COPIED TO THE CONTROL REGISTER OR THE DOT LATCH AND LED OUTPUTS WHEN CE IS HIGH AND CLK IS LOW.
TRSS
RSH
T
TCLKCE
CES
T
CLKH
T
CLKL
T
CEH
T
DS
T
DH
T
CEDO
T
DOUT
T
DOUTP
T
PREVIOUS DATA
NEW DATA
NEW DATA LATCHED HERE
[1]
CE
RS
CLK
DIN
LED OUTPUTS,
CONTROL
REGISTERS
DOUT
(SIMULTANEOUS)
DOUT (SERIAL)
3
4
12
5
12
11
6
7
10
8
9


Similar Part No. - HCMS-3966

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-3966 HP-HCMS-3966 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results

Similar Description - HCMS-3966

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-39XX AVAGO-HCMS-39XX Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2919 AVAGO-HCMS-2919 Datasheet
139Kb / 14P
   High Performance CMOS 5x7 AlphaNumeric GaN Blue Display
HCMS-2819 AVAGO-HCMS-2819 Datasheet
212Kb / 12P
   High Performance CMOS 5x7 AlphaNumeric InGaN Blue Display
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com