Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICSSSTUAH32868AHLF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICSSSTUAH32868AHLF
Description  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICSSSTUAH32868AHLF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICSSSTUAH32868AHLF Datasheet HTML 6Page - Integrated Device Technology ICSSSTUAH32868AHLF Datasheet HTML 7Page - Integrated Device Technology ICSSSTUAH32868AHLF Datasheet HTML 8Page - Integrated Device Technology ICSSSTUAH32868AHLF Datasheet HTML 9Page - Integrated Device Technology ICSSSTUAH32868AHLF Datasheet HTML 10Page - Integrated Device Technology ICSSSTUAH32868AHLF Datasheet HTML 11Page - Integrated Device Technology ICSSSTUAH32868AHLF Datasheet HTML 12Page - Integrated Device Technology ICSSSTUAH32868AHLF Datasheet HTML 13Page - Integrated Device Technology ICSSSTUAH32868AHLF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ICSSSTUAH32868A
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
10
ICSSSTUAH32868A
7115/9
Absolute Maximum Ratings
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Output Buffer Characteristics
Output edge rates over recommended operating free-air temperature range
Item
Rating
Supply Voltage, VDD
-0.5V to 2.5V
Input Voltage Range, VI1
1
The input and output negative voltage ratings may be exceeded if the ratings of the I/P and
O/P clamp current are observed.
-0.5V to VDD + 2.5V
Output Voltage Range, VO1,2
2
This current will flow only when the output is in the high state level VO > VDDQ.
-0.5V to VDDQ + 0.5V
Input Clamp Current, IIK
±50mA
Output Clamp Current, IOK
±50mA
Continuous Output Clamp Current, IO
±50mA
Continuous Current through each VDD or GND
±100mA
Package Thermal Impedance (
θja)3
3
The package thermal impedance is calculated in accordance with JESD 51.
0m/s Airflow
40.4
°C/W
1m/s Airflow
29.1
°C/W
Storage Temperature
-65 to +150
°C
Parameter
VDD = 1.8V ± 0.1V
Units
Min.
Max.
dV/dt_r
1
4
V/ns
dV/dt_f
1
4
V/ns
dV/dt_
Δ1
1
Difference between dV/dt_r (rising edge rate) and dV/dt_f (falling edge rate).
1V/ns


Similar Part No. - ICSSSTUAH32868AHLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAH32865A IDT-ICSSSTUAH32865A Datasheet
418Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAH32865AHLFT IDT-ICSSSTUAH32865AHLFT Datasheet
418Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
More results

Similar Description - ICSSSTUAH32868AHLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTUBF32868A IDT-IDT74SSTUBF32868A Datasheet
541Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32S868D RENESAS-ICSSSTUB32S868D Datasheet
525Kb / 21P
   28-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUAF32868B RENESAS-ICSSSTUAF32868B Datasheet
737Kb / 23P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
logo
Integrated Device Techn...
ICSSSTUAF32868A IDT-ICSSSTUAF32868A Datasheet
538Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32868B IDT-ICSSSTUAF32868B Datasheet
539Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
IDT74SSTUBF32868A RENESAS-IDT74SSTUBF32868A Datasheet
831Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
IDT74SSTUBH32868A RENESAS-IDT74SSTUBH32868A Datasheet
739Kb / 23P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
logo
Integrated Device Techn...
IDT74SSTUBH32868A IDT-IDT74SSTUBH32868A Datasheet
524Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUAF32865A RENESAS-ICSSSTUAF32865A Datasheet
676Kb / 17P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUAF32868A RENESAS-ICSSSTUAF32868A Datasheet
686Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 CONFIDENTIAL
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com