Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5376A-IQZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5376A-IQZ
Description  Low-power, Multi-channel Decimation Filter
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A-IQZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS5376A-IQZ Datasheet HTML 1Page - Cirrus Logic CS5376A-IQZ Datasheet HTML 2Page - Cirrus Logic CS5376A-IQZ Datasheet HTML 3Page - Cirrus Logic CS5376A-IQZ Datasheet HTML 4Page - Cirrus Logic CS5376A-IQZ Datasheet HTML 5Page - Cirrus Logic CS5376A-IQZ Datasheet HTML 6Page - Cirrus Logic CS5376A-IQZ Datasheet HTML 7Page - Cirrus Logic CS5376A-IQZ Datasheet HTML 8Page - Cirrus Logic CS5376A-IQZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5376A
Low-power, Multi-channel Decimation Filter
Features
1- to 4-channel Digital Decimation Filter
Multiple On-chip FIR and IIR Coefficient Sets
Programmable Coefficients for Custom Filters
Synchronous Operation
Selectable Output Word Rate
4000, 2000, 1000, 500, 333, 250 SPS
200, 125, 100, 50, 40, 25, 20, 10, 5, 1 SPS
Digital Gain and Offset Corrections
Test DAC Bit Stream Generator
Sine Wave or Impulse Output Mode
Time Break Controller, General Purpose I/O
Secondary SPI™ Port, Boundary Scan JTAG
Microcontroller or EEPROM Configuration
Small-footprint, 64-pin TQFP Package
Low Power Consumption
9 mW per Channel at 500 SPS
Flexible Power Supplies
I/O Interface: 3.3 V or 5.0 V
Digital Logic Core: 3.0 V, 3.3 V or 5.0 V
Description
The CS5376A is a multi-function digital filter utilizing a
low-power signal processing architecture to achieve ef-
ficient filtering for up to four
∆Σ modulators. By
combining the CS5376A with CS3301/02 differential
amplifiers,
CS5371/72
∆Σ modulators, and the
CS4373A
∆Σ test DAC a synchronous, high-resolution,
self-testing, multi-channel measurement system can be
designed quickly and easily.
Digital filter coefficients for the CS5376A FIR and IIR fil-
ters are included on-chip for a simple setup, or they can
be programmed for custom applications. Selectable dig-
ital filter decimation ratios produce output word rates
from 4000 SPS to 1 SPS, resulting in measurement
bandwidths ranging from 1600 Hz down to 400 mHz
when using the on-chip coefficient sets.
The CS5376A includes integrated peripherals to simplify
system design: offset and gain corrections, a test DAC
bit stream generator, a time-break controller, 12 gener-
al-purpose I/O pins, a secondary SPI port, and a
boundary scan JTAG port.
ORDERING INFORMATION
See page 107.
I
S CK1
S e ria l D a ta O u tp u t P o rt
D e cim a tion a n d
F iltering E ngine
M odula tor D a ta
In te rfa c e
T e st B it S tre am C o n tro ller
Clo c k a n d
S ynchroniz a tio n
TBS C L K
TBS D A T A
SPI 1
S eria l P erip h era l In terfac e 1
JTA G
In te rfa c e
Tim e B re a k C ontro ller
SPI 2
S eria l P erip h era l In terfac e 2
GP IO
G e ne ra l P u rpos e I/O
SY N C
CL K
MC L K
MS Y N C
TIM E B
MIS O
MO S I
SS I
SIN T
S CK2
SO
SI1
SI2
SI3
SI4
G P IO 11:E E C S
GP IO1 0
GP IO9
GP IO8
GP IO7
GP IO6
GP IO5
GP IO4 :C S 4
GP IO3 :C S 3
GP IO2 :C S 2
GP IO1 :C S 1
GP IO0 :C S 0
SEP ‘05
DS612F3


Similar Part No. - CS5376A-IQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5376A-IQZ CIRRUS-CS5376A-IQZ Datasheet
1Mb / 106P
   Low-power, Multi-channel Decimation Filter
More results

Similar Description - CS5376A-IQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5376A CIRRUS-CS5376A_08 Datasheet
1Mb / 106P
   Low-power, Multi-channel Decimation Filter
CS5376A CIRRUS-CS5376A Datasheet
1Mb / 107P
   LOW POWER MULTI CHANNEL DECIMATION FILTER
CS5378 CIRRUS-CS5378 Datasheet
1Mb / 86P
   Low-power Single-channel Decimation Filter
CS5378 CIRRUS-CS5378_08 Datasheet
1Mb / 88P
   Low-power Single-channel Decimation Filter
logo
Burr-Brown (TI)
DF1750 BURR-BROWN-DF1750 Datasheet
222Kb / 13P
   Dual Channel DIGITAL DECIMATION FILTER
logo
Unisonic Technologies
UT3222 UTC-UT3222_15 Datasheet
220Kb / 7P
   LOW POWER MULTI CHANNEL
logo
NXP Semiconductors
UDA1328T PHILIPS-UDA1328T Datasheet
128Kb / 28P
   Multi-channel filter DAC
2000 Jan 04
logo
Maxim Integrated Produc...
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
   24-Bit Multi-Channel Low-Power
Rev 0; 5/16
logo
Cirrus Logic
CRD5381 CIRRUS-CRD5381 Datasheet
978Kb / 24P
   Audio A/D Converter w/ Asynchronous Decimation Filter Reference Design
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com