Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS889872AKT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS889872AKT
Description  DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS889872AKT Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS889872AKT Datasheet HTML 1Page - Integrated Device Technology ICS889872AKT Datasheet HTML 2Page - Integrated Device Technology ICS889872AKT Datasheet HTML 3Page - Integrated Device Technology ICS889872AKT Datasheet HTML 4Page - Integrated Device Technology ICS889872AKT Datasheet HTML 5Page - Integrated Device Technology ICS889872AKT Datasheet HTML 6Page - Integrated Device Technology ICS889872AKT Datasheet HTML 7Page - Integrated Device Technology ICS889872AKT Datasheet HTML 8Page - Integrated Device Technology ICS889872AKT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRELIMINARY
DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER
W/INTERNAL TERMINATION
ICS889872
IDT™ / ICS™ LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
1
ICS889872AK REV. A AUGUST 22, 2007
General Description
The ICS889872 is a high speed Differential-to-
LVDS Buffer/Divider w/Internal Termination and is a
member of the HiPerClockS™family of high
performance clock solutions from IDT. The
ICS889872 has a selectable ÷2, ÷4, ÷8, ÷16 output
dividers. The clock input has internal termination resistors,
allowing it to interface with several differential signal types while
minimizing the number of required external components. The
device is packaged in a small, 3mm x 3mm VFQFN package,
making it ideal for use on space-constrained boards.
Features
Three LVDS outputs
Frequency divide select options: ÷4, ÷6: >2GHz,
÷8, ÷16: >1.6GHz
IN, nIN input can accept the following differential input levels:
LVPECL, LVDS, CML
Output frequency: >2GHz
Cycle-to-cycle jitter: 1ps (typical)
Total jitter: 10ps (typical)
Output skew: 7ps (typical), QA/nQA outputs
Part-to-part skew: 250ps (typical)
Propagation Delay: 750ps (typical), QA/nQA outputs
Full 2.5V supply mode
-40°C to 85°C ambient operating temperature
Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
ICS889872
16-Lead VFQFN
3mm x 3mm x 0.95mm package body
K Package
Top View
The Preliminary Information presented herein represents a product in pre-production. The noted characteristics are based on initial product characterization and/or qualification.
Integrated Device Technology, Incorporated (IDT) reserves the right to change any circuitry or specifications without notice.
Block Diagram
Pin Assignment
Decoder
÷2, ÷4,
÷8, ÷16
50
50
Enable
FF
Enable
MUX
QA
nQA
QB0
nQB0
QB1
nQB1
nRESET/
nDISABLE
IN
V
T
V
REF_AC
S1
S0
nIN
5
6
7
8
16 15 14 13
1
2
3
4
12
11
10
9
QB0
nQB0
QB1
nQB1
IN
VT
VREF_AC
nIN


Similar Part No. - ICS889872AKT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS889874 ICST-ICS889874 Datasheet
162Kb / 14P
   DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
ICS889874AK ICST-ICS889874AK Datasheet
162Kb / 14P
   DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
ICS889874AKT ICST-ICS889874AKT Datasheet
162Kb / 14P
   DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
More results

Similar Description - ICS889872AKT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
IDT8S89873I RENESAS-IDT8S89873I Datasheet
569Kb / 16P
   Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
IDT8S89872I RENESAS-IDT8S89872I Datasheet
578Kb / 17P
   Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
logo
Integrated Device Techn...
8S89833 IDT-8S89833 Datasheet
322Kb / 17P
   Low Skew, 1-To-4 Differential-To-LVDS Fanout Buffer w/Internal Termination
logo
Renesas Technology Corp
8S89833 RENESAS-8S89833 Datasheet
666Kb / 16P
   Low Skew, 1-To-4 Differential-To-LVDS Fanout Buffer w/Internal Termination
September 22, 2017
logo
Integrated Device Techn...
8S89875I IDT-8S89875I Datasheet
354Kb / 16P
   Different ial-to-LVDS Buffer/Divider w/Internal Terminat ion
logo
Micrel Semiconductor
SY89876L MICREL-SY89876L Datasheet
109Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
logo
Integrated Device Techn...
8S89876I IDT-8S89876I Datasheet
335Kb / 15P
   Different ial-to-LVDS Buffer/Divider w/Internal Terminat ion
logo
Renesas Technology Corp
ICS854S1208I RENESAS-ICS854S1208I Datasheet
1Mb / 20P
   Differential-to-LVDS Fanout Buffer w/Divider and Glitchless Switch
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com