Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5351 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5351
Description  108 dB, 192 kHz, Multi-bit Audio A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5351 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5351_07 Datasheet HTML 1Page - Cirrus Logic CS5351_07 Datasheet HTML 2Page - Cirrus Logic CS5351_07 Datasheet HTML 3Page - Cirrus Logic CS5351_07 Datasheet HTML 4Page - Cirrus Logic CS5351_07 Datasheet HTML 5Page - Cirrus Logic CS5351_07 Datasheet HTML 6Page - Cirrus Logic CS5351_07 Datasheet HTML 7Page - Cirrus Logic CS5351_07 Datasheet HTML 8Page - Cirrus Logic CS5351_07 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DS565F2
5
CS5351
ANALOG CHARACTERISTICS (CS5351-KSZ/KZZ)
(Test conditions (unless otherwise specified): Input test signal is a 1 kHz sine wave; measurement bandwidth is
10 Hz to 20 kHz.)
Notes: 4. Referred to the typical full-scale input voltage.
Parameter
Symbol
Min
Typ
Max
Unit
Single-Speed Mode
Fs = 48 kHz
Dynamic Range
A-weighted
unweighted
102
99
108
105
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 4)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-98
-84
-44
-92
-
-
dB
dB
dB
Double-Speed Mode
Fs = 96 kHz
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
102
99
-
108
105
102
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 4)
-1 dB
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-98
-84
-44
-95
-92
-
-
-
dB
dB
dB
dB
Quad-Speed Mode
Fs = 192 kHz
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
102
99
-
108
105
102
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 4)
-1 dB
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-98
-84
-44
-95
-92
-
-
-
dB
dB
dB
dB
Dynamic Performance for All Modes
Interchannel Isolation
-
95
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Error
-2
-
2
%
Gain Drift
-100
-
100
ppm/°C
Offset Error
HPF enabled
HPF disabled
-
-
-
-
0
100
LSB
LSB
Analog Input Characteristics
Full-scale Input Voltage
0.55*VA
0.56*VA
.57*VA
Vpp
Input Impedance
7.5
-
-
k
Ω
Common Mode Rejection Ratio
CMRR
-
82
-
dB


Similar Part No. - CS5351_07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351-BS CIRRUS-CS5351-BS Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5351-BZ CIRRUS-CS5351-BZ Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5351-KS CIRRUS-CS5351-KS Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5351-KZ CIRRUS-CS5351-KZ Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results

Similar Description - CS5351_07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
   111 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
   101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
   120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
   105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com