Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDA1350ATS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UDA1350ATS
Description  IEC 958 audio DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1350ATS Datasheet(HTML) 3 Page - NXP Semiconductors

  UDA1350ATS Datasheet HTML 1Page - NXP Semiconductors UDA1350ATS Datasheet HTML 2Page - NXP Semiconductors UDA1350ATS Datasheet HTML 3Page - NXP Semiconductors UDA1350ATS Datasheet HTML 4Page - NXP Semiconductors UDA1350ATS Datasheet HTML 5Page - NXP Semiconductors UDA1350ATS Datasheet HTML 6Page - NXP Semiconductors UDA1350ATS Datasheet HTML 7Page - NXP Semiconductors UDA1350ATS Datasheet HTML 8Page - NXP Semiconductors UDA1350ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
2000 Mar 29
3
Philips Semiconductors
Preliminary specification
IEC 958 audio DAC
UDA1350ATS
1
FEATURES
1.1
General
• 2.7 to 3.6 V power supply
• Integrated digital filter and Digital-to-Analog Converter
(DAC)
• 256fs system clock output
• 20-bit data path in interpolator
• High performance
• No analog post filtering required for DAC.
1.2
Control
• Controlled either by means of static pins or via the
L3 microcontroller interface.
1.3
IEC 958 input
• On-chip amplifier for converting IEC 958 input to CMOS
levels
• Lock indication signal available on pin LOCK
• Lock indication signal combined on-chip with the Pulse
Code Modulation (PCM) status bit; in case non-PCM
has been detected pin LOCK indicates out-of-lock
• Key channel-status bits available via L3 interface (lock,
pre-emphasis, audio sample frequency, two channel
PCM indication and clock accuracy).
1.4
Digital sound processing and DAC
• Automatic de-emphasis when using IEC 958 input with
32.0, 44.1 and 48.0 kHz audio sample frequencies
• Soft mute by means of a cosine roll-off circuit selectable
via pin MUTE or the L3 interface
• dB linear volume control with 1 dB steps from 0 dB to
−60 dB and −∞ dB
• Bass boost and treble control in L3 control mode
• Interpolating filter (fs to 128fs) by means of a cascade of
a recursive filter and a FIR filter
• Third order noise shaper operating at 128fs generates
the bitstream for the DAC
• Filter stream digital-to-analog converter.
2
APPLICATIONS
• Digital audio systems.
3
GENERAL DESCRIPTION
Available in two versions:
• UDA1350ATS:
– only IEC 958 input to DAC in SSOP28 package.
• UDA1350AH:
– full featured version in QFP44 package.
The UDA1350ATS is a single chip IEC 958 audio decoder
with an integrated stereo digital-to-analog converter
employing bitstream conversion techniques.
A lock indication signal is available on pin LOCK indicating
that the IEC 958 decoder is locked. This pin is also used to
indicate whether PCM data is applied to the input or not.
In the event non-PCM data has been detected, the device
indicates out-of-lock.
By default the DAC output and the data output interface
are muted when the decoder is out-of-lock. However, this
setting can be overruled in the L3 control mode.


Similar Part No. - UDA1350ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1350AH PHILIPS-UDA1350AH Datasheet
154Kb / 36P
   IEC 958 audio DAC
1999 Dec 16
More results

Similar Description - UDA1350ATS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1350AH PHILIPS-UDA1350AH Datasheet
154Kb / 36P
   IEC 958 audio DAC
1999 Dec 16
UDA1351H PHILIPS-UDA1351H Datasheet
157Kb / 36P
   96 kHz IEC 958 audio DAC
2000 Feb 18
UDA1351TS PHILIPS-UDA1351TS Datasheet
124Kb / 28P
   96 kHz IEC 958 audio DAC
2000 Mar 28
UDA1352HL PHILIPS-UDA1352HL Datasheet
262Kb / 64P
   48 kHz IEC 60958 audio DAC
2003 Mar 25
UDA1352TS PHILIPS-UDA1352TS Datasheet
201Kb / 52P
   48 kHz IEC 60958 audio DAC
2002 Nov 22
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
   Stereo Audio DAC
logo
Dallas Semiconductor
DS4201 DALLAS-DS4201 Datasheet
380Kb / 24P
   USB Audio DAC
logo
List of Unclassifed Man...
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
   Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
   Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com