Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74LVTCH16245A Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74LVTCH16245A
Description  3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVTCH16245A Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74LVTCH16245A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVTCH16245A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVTCH16245A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVTCH16245A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVTCH16245A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVTCH16245A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVTCH16245A Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS 8649C
03/14/07
Product Description
ThePI74LVTCH16245isanon-inverting16-bitBidirectionalTrans-
ceiverdesignedforlow-voltage2.7Vto3.6VVCCoperation,withthe
capability of interfacing to the 5V system environment. This
tranceiver is designed for asynchronous two-way communication
between data buses. The direction control input pin (xDIR) deter-
mines the direction of the data flow through the bidirectional
transceiver. The Direction and Output Enable controls are designed
to operate this device as either two independent 8-bit tranceivers
or one 16-bit transceiver. The output enable (xOE) input,
when HIGH, disables both A and B ports by placing them in
HIGH Z condition.
The PI74LVTCH16245 has "Bus Hold" which retains the data
input's last valid logic state whenever the data input goes to high-
impedance, preventing "floating" inputs and eliminating the need
for pull-up/down resistors.
When VCC is between 0 to 1.5V during power up or power down, the
outputs of the device are in the high-impedance state. To ensure
the high-impedance state above 1.5V, OE should be tied to Vcc
through a pullup resistor; the minimum value of the resistor is
determined by the current sinking capability of the driver.
The device fully supports live-insertion with its Ioff and power-up/
down 3-state. The Ioff circuitry disables the outputs when the
power is off, preventing the backflow of damaging current through
the device. Power-up/down 3-state places the outputs in the
high-impedance state during power up or power down, preventing
driver conflict.
3.3V 16-Bit Bi-Directional Transceiver
with 3-State Outputs
Logic Block Diagram
Product Features
·
Advanced low power CMOS design for 2.7V to 3.6V
Vcc operation
·
Supports 5V input/output tolerance in mixed signal mode
operation
·
Function compatible with LVT family of products
·
Balanced ±24mA output drive
·
Typical VOLP (Output Ground Bounce) < 0.8V at VCC=3.3V,
TA=25°C
·Ioff and Power Up/Down 3-State support live insertion
·
Bus Hold on data inputs eliminates the need for external
pull-up/down resistors
·
Latch-up performance exceeds 200mA Per JESD78
·
ESD protection exceeds JESD 22
– 2000V Human-Body Model (A114-B)
– 200V Machine Model (A115-A)
·
Industrial Temperature: –40°C to +85°C
·
Packaging (Pb-free & Green available):
– 48-pin 240-mil wide plastic TSSOP (A)
PI74LVTCH16245
2
OE
1
OE
1
B0
1
A0
1
DIR
1
B1
1
A1
1
B2
1
A2
1
B3
1
A3
1
B4
1
A4
1
B5
1
A5
1
B6
1
A6
1
B7
1
A7
2
B0
2
A0
2
DIR
2
B1
2
A1
2
B2
2
A2
2
B3
2
A3
2
B4
2
A4
2
B5
2
A5
2
B6
2
A6
2
B7
2
A7
47
46
44
43
41
40
38
37
1
2
3
5
6
8
9
11
12
48
36
35
33
32
30
29
27
26
24
13
14
16
17
19
20
22
23
25
06-0215


Similar Part No. - PI74LVTCH16245A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVTCH16244 PERICOM-PI74LVTCH16244 Datasheet
315Kb / 7P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTCH16244A PERICOM-PI74LVTCH16244A Datasheet
315Kb / 7P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTCH16244AE PERICOM-PI74LVTCH16244AE Datasheet
315Kb / 7P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
More results

Similar Description - PI74LVTCH16245A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVTC16245 PERICOM-PI74LVTC16245 Datasheet
185Kb / 8P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
logo
Fairchild Semiconductor
74ABT245 FAIRCHILD-74ABT245_07 Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
74ABT245 FAIRCHILD-74ABT245 Datasheet
132Kb / 11P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Renesas Technology Corp
IDT74ALVC16245 RENESAS-IDT74ALVC16245 Datasheet
277Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVC162245 RENESAS-IDT74ALVC162245 Datasheet
286Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162245 IDT-IDT74ALVC162245 Datasheet
93Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC16245 IDT-IDT74ALVC16245 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com