Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74LVTCH16245 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74LVTCH16245
Description  3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVTCH16245 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74LVTCH16245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVTCH16245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVTCH16245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVTCH16245 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVTCH16245 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVTCH16245 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVTCH16245 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PI74LVTCH16245
3.3V, 16-Bit Bi-Directional Tranceivers
with 3-State Outputs
PS 8649C
03/14/07
PARAMETER MEASUREMENT INFORMATION
VCC = 2.7V and 3.3V ±0.3V
LoadCircuit
t
s
e
T1
S
t H
L
P
t/ L
H
P
t Z
L
P
t/ L
Z
P
t Z
H
P
t/ H
Z
P
n
e
p
O
V
6
D
N
G
Notes:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
All input impulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
Voltage Waveforms
Pulse Duration
Input
tPLH
tPHL
0V
Output
VOH
VOL
1.5V
1.5V
1.5V
2.7V
1.5V
Input
tW
1.5V
2.7V
1.5V
0V
tPZL
Output
Control
(Low Level
Enabling)
0V
1.5V
1.5V
1.5V
1.5V
tPLZ
tPHZ
VOL+0.3V
3V
0V
tPZH
Output
Waveform 1
S1 at 6V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOH -0.3V
VOH
VOL
2.7V
500
Ω
500
Ω
6V
Open
GND
S1
From Output
Under Test
CL = 50pF
(See Note A)
06-0215


Similar Part No. - PI74LVTCH16245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVTCH16244 PERICOM-PI74LVTCH16244 Datasheet
315Kb / 7P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTCH16244A PERICOM-PI74LVTCH16244A Datasheet
315Kb / 7P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTCH16244AE PERICOM-PI74LVTCH16244AE Datasheet
315Kb / 7P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
More results

Similar Description - PI74LVTCH16245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVTC16245 PERICOM-PI74LVTC16245 Datasheet
185Kb / 8P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
logo
Fairchild Semiconductor
74ABT245 FAIRCHILD-74ABT245_07 Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
74ABT245 FAIRCHILD-74ABT245 Datasheet
132Kb / 11P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Renesas Technology Corp
IDT74ALVC16245 RENESAS-IDT74ALVC16245 Datasheet
277Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVC162245 RENESAS-IDT74ALVC162245 Datasheet
286Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162245 IDT-IDT74ALVC162245 Datasheet
93Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC16245 IDT-IDT74ALVC16245 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com