Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B992-7JI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7B992-7JI
Description  Programmable Skew Clock Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B992-7JI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7B992-7JI Datasheet HTML 1Page - Cypress Semiconductor CY7B992-7JI Datasheet HTML 2Page - Cypress Semiconductor CY7B992-7JI Datasheet HTML 3Page - Cypress Semiconductor CY7B992-7JI Datasheet HTML 4Page - Cypress Semiconductor CY7B992-7JI Datasheet HTML 5Page - Cypress Semiconductor CY7B992-7JI Datasheet HTML 6Page - Cypress Semiconductor CY7B992-7JI Datasheet HTML 7Page - Cypress Semiconductor CY7B992-7JI Datasheet HTML 8Page - Cypress Semiconductor CY7B992-7JI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CY7B991
CY7B992
Document Number: 38-07138 Rev. *B
Page 3 of 19
Block Diagram Description
Phase Frequency Detector and Filter
The Phase Frequency Detector and Filter blocks accept inputs
from the reference frequency (REF) input and the feedback (FB)
input and generate correction information to control the
frequency of the Voltage Controlled Oscillator (VCO). These
blocks, along with the VCO, form a Phase Locked Loop (PLL)
that tracks the incoming REF signal.
VCO and Time Unit Generator
The VCO accepts analog control inputs from the PLL filter block.
It generates a frequency used by the time unit generator to
create discrete time units that are selected in the skew select
matrix. The operational range of the VCO is determined by the
FS control pin. The time unit (tU) is determined by the operating
frequency of the device and the level of the FS pin as shown in
Table 1.
Skew Select Matrix
The skew select matrix contains four independent sections. Each
section has two low skew, high fanout drivers (xQ0, xQ1), and
two corresponding three level function select (xF0, xF1) inputs.
Table 2 shows the nine possible output functions for each section
as determined by the function select inputs. All times are
measured with respect to the REF input assuming that the output
connected to the FB input has 0tU selected.
Table 1. Frequency Range Select and tU Calculation
[1]
FS[2, 3]
fNOM (MHz)
where N =
Approximate
Frequency (MHz) At
Which tU = 1.0 ns
Min
Max
LOW
15
30
44
22.7
MID
25
50
26
38.5
HIGH
40
80
16
62.5
t
U
1
f
NOM
N
×
------------------------
=
Table 2. Programmable Skew Configurations[1]
Function Selects
Output Functions
1F1, 2F1,
3F1, 4F1
1F0, 2F0,
3F0, 4F0
1Q0, 1Q1,
2Q0, 2Q1
3Q0, 3Q1
4Q0, 4Q1
LOW
LOW
–4tU
Divide by 2 Divide by 2
LOW
MID
–3tU
–6tU
–6tU
LOW
HIGH
–2tU
–4tU
–4tU
MID
LOW
–1tU
–2tU
–2tU
MID
MID
0tU
0tU
0tU
MID
HIGH
+1tU
+2tU
+2tU
HIGH
LOW
+2tU
+4tU
+4tU
HIGH
MID
+3tU
+6tU
+6tU
HIGH
HIGH
+4tU
Divide by 4
Inverted
Notes
1. For all tri-state inputs, HIGH indicates a connection to VCC, LOW indicates a connection to GND, and MID indicates an open connection. Internal termination circuitry
holds an unconnected input to VCC/2.
2. The level is set on FS is determined by the “normal” operating frequency (fNOM) of the VCO and Time Unit Generator (see Logic Block Diagram). Nominal frequency
(fNOM) always appears at 1Q0 and the other outputs when they are operated in their undivided modes (see Table 2). The frequency appearing at the REF and FB
inputs are fNOM when the output connected to FB is undivided. The frequency of the REF and FB inputs are fNOM/2 or fNOM/4 when the part is configured for a
frequency multiplication by using a divided output as the FB input.
3. When the FS pin is selected HIGH, the REF input must not transition upon power up until VCC has reached 4.3V.


Similar Part No. - CY7B992-7JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B992-7JI CYPRESS-CY7B992-7JI Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
More results

Similar Description - CY7B992-7JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com