Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDA1343TT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UDA1343TT
Description  Economy audio CODEC with features
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1343TT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UDA1343TT Datasheet HTML 2Page - NXP Semiconductors UDA1343TT Datasheet HTML 3Page - NXP Semiconductors UDA1343TT Datasheet HTML 4Page - NXP Semiconductors UDA1343TT Datasheet HTML 5Page - NXP Semiconductors UDA1343TT Datasheet HTML 6Page - NXP Semiconductors UDA1343TT Datasheet HTML 7Page - NXP Semiconductors UDA1343TT Datasheet HTML 8Page - NXP Semiconductors UDA1343TT Datasheet HTML 9Page - NXP Semiconductors UDA1343TT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
2000 Jan 12
6
Philips Semiconductors
Preliminary specification
Economy audio CODEC with features
UDA1343TT
PINNING
SYMBOL
PIN
TYPE
DESCRIPTION
VSSA(ADC)
1
analog ground pad
ADC analog ground
VDDA(ADC)
2
analog supply pad
ADC analog supply voltage
VINL
3
analog input pad
ADC input left
Vref(A)
4
analog pad
ADC reference voltage
VINR
5
analog input pad
ADC input right
VADCN
6
analog pad
ADC negative reference voltage
VADCP
7
analog pad
ADC positive reference voltage
TEST1
8
5 V tolerant digital input pad with internal pull-down pad
test pin 1
OVERFL
9
5 V tolerant slew-rate controlled digital output pad
ADC overload output
VDDD
10
digital supply pad
digital supply voltage
VSSD
11
digital ground pad
digital ground
SYSCLK
12
5 V tolerant digital Schmitt triggered input pad
system clock input 256, 384 or 512fs
L3MODE
13
digital input pad
L3MODE input
L3CLOCK
14
5 V tolerant digital Schmitt triggered input pad
L3CLOCK input
L3DATA
15
5 V tolerant digital Schmitt triggered input with pull down,
slew rate controlled output pad
L3DATA input
BCK
16
5 V tolerant digital Schmitt triggered input pad
bit clock input
WS
17
5 V tolerant digital Schmitt triggered input pad
word select input
DATAO
18
5 V tolerant slew-rate controlled digital output pad
data output
DATAI
19
5 V tolerant digital Schmitt triggered input pad
data input
RESET
20
5 V tolerant digital Schmitt triggered input pad with
internal pull down
reset input
TEST2
21
5 V tolerant digital input pad with internal pull-down pad
test pin 2
VSSA(DAC)
22
analog ground pad
DAC analog ground
VDDA(DAC)
23
analog supply pad
DAC analog supply voltage
VOUTR
24
analog output pad
DAC output right
VDDO
25
analog supply pad
operational amplifier supply voltage
VOUTL
26
analog output pad
DAC output left
VSSO
27
analog ground pad
operational amplifier ground
Vref(D)
28
analog pad
DAC reference voltage


Similar Part No. - UDA1343TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1340M PHILIPS-UDA1340M Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1341TS PHILIPS-UDA1341TS Datasheet
189Kb / 32P
   Economy audio CODEC for MiniDisc MD home stereo and portable applications
1998 Dec 18
UDA1342 PHILIPS-UDA1342 Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
More results

Similar Description - UDA1343TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1345TS PHILIPS-UDA1345TS Datasheet
126Kb / 28P
   Economy audio CODEC
2000 Apr 18
UDA1345TSDB-T NXP-UDA1345TSDB-T Datasheet
216Kb / 29P
   Economy audio CODEC
2002 May 28
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1344TS PHILIPS-UDA1344TS Datasheet
126Kb / 28P
   Low-voltage low-power stereo audio CODEC with DSP features
2000 Feb 04
UDA1341TS PHILIPS-UDA1341TS Datasheet
189Kb / 32P
   Economy audio CODEC for MiniDisc MD home stereo and portable applications
1998 Dec 18
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
   Audio Codec
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com