Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4344-DZZ Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4344-DZZ
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344-DZZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4344-DZZ Datasheet HTML 7Page - Cirrus Logic CS4344-DZZ Datasheet HTML 8Page - Cirrus Logic CS4344-DZZ Datasheet HTML 9Page - Cirrus Logic CS4344-DZZ Datasheet HTML 10Page - Cirrus Logic CS4344-DZZ Datasheet HTML 11Page - Cirrus Logic CS4344-DZZ Datasheet HTML 12Page - Cirrus Logic CS4344-DZZ Datasheet HTML 13Page - Cirrus Logic CS4344-DZZ Datasheet HTML 14Page - Cirrus Logic CS4344-DZZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DS613F1
11
CS4344/5/6/8
3. TYPICAL CONNECTION DIAGRAM
Figure 6. Recommended Connection Diagram
DEM/SCLK
8
Audio
Data
Processor
External Clock
MCLK
AGND
AOUTR
CS4344
CS4345
CS4346
CS4348
SDIN
LRCK
VA
AOUTL
3
1
2
4
9
0.1 µF
+
1µF
7
Left Audio
Output
10
Right Audio
Output
+3.3 V to +5 V
3.3 µF
10 k
C
470
+
R
+ 470
C=
4
πFs(R
470)
Rext
3.3 µF
10 k
C
470
+
Rext
ext
ext
0.1 µF
10
µF
*3.3
µF
6
VQ
FILT+
5
Note*
Note* = This circuitry is intended for applications where the
CS4344/5/6/8 connects directly to an unbalanced output of
the design. For internal routing applications please see the
DAC analog output characteristics for loading limitations.
For best 20 kHz response
µF
*10
*Popguard ramp can be adjusted by
selecting this capacitor value to be
3.3 µF to give 250 ms ramp time
or 10 µF to give a 420 ms ramp time.
or


Similar Part No. - CS4344-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4344-DZZ CIRRUS-CS4344-DZZ Datasheet
882Kb / 23P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
More results

Similar Description - CS4344-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4344 CIRRUS-CS4344 Datasheet
882Kb / 23P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
   10-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com