Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWF1609-10RJI Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # AWF1609-10RJI
Description  Tubular Vitreous Enamelled Wirewound Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

AWF1609-10RJI Datasheet(HTML) 3 Page - Welwyn Components Limited

  AWF1609-10RJI Datasheet HTML 1Page - Welwyn Components Limited AWF1609-10RJI Datasheet HTML 2Page - Welwyn Components Limited AWF1609-10RJI Datasheet HTML 3Page - Welwyn Components Limited AWF1609-10RJI Datasheet HTML 4Page - Welwyn Components Limited AWF1609-10RJI Datasheet HTML 5Page - Welwyn Components Limited AWF1609-10RJI Datasheet HTML 6Page - Welwyn Components Limited AWF1609-10RJI Datasheet HTML 7Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
123
Issue E · 10.05
Welwyn Components
AB
C
D
E
F
G
H
J
K
Type
max
max
max
nom
max
max
nom
±.25
max
1601
33.0
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
59
1905
56.1
14.5
6.55
4.5
5.0
17.5
10
3.0
M3
-
1600
61.5
14.5
6.55
4.5
5.0
17.5
10
3.0
M3
-
1602
51.0
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
77
1906
64.3
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
90
1603
74.5
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
101
1604
102
17.5
8.2
4.5
5.0
19.5
15
3.0
M3
128
1605
89.5
24.0
13.2
5.7
6.8
26.5
17
4.0
M4
122
1908
102
24.0
13.2
5.7
6.8
26.5
17
4.0
M4
134
1607
102
32.0
19.2
7.0
9.8
32.0
22
6.4
M6
134
1606
166
24.0
13.2
5.7
6.8
26.5
17
4.0
M4
198
1608
152
32.0
19.2
7.0
9.8
32.0
22
6.4
M6
184
1609
216
32.0
19.2
7.0
9.8
32.0
22
6.4
M6
248
Terminations
Styles B, 4B, AP and AW are available in all 13 tube sizes.
Styles C, CB and CP are available in sizes 1601 to 1609
inclusive, 1906 and 1908
Lugs (Figure 2): Pb free solder coated nickel iron. Denoted
by prefix B to size reference, thus B1602
Pigtails (Figure 3): 14/.193 mm copper, 150 mm minimum
length. Denoted by prefix AP, thus AP1602
Rigid wires (Figure 4): 1.2 mm diameter tinned copper, 32
mm minimum length.
Denoted by prefix AW, thus: AW1602
Lugs with screws, nuts and washers (Figure 5): Nickel
plated brass screws and nuts. Denoted by prefix 4B,
thus: 4B1602.
Ferrule, electrically isolated (Figure 6) Connection to
resistor via Pb free solder coated nickle iron lugs. Denoted
by prefix CB, thus: CB1602.
Ferrule, electrically live (Figure 7) Nickel plated brass.
Denoted by prefix C, thus: C1602.
Ferrule, electrically isolated (Figure 8): Connection to
resistor via pigtails of 14/.193 mm copper, 150mm
minimum length. Denoted by prefix CP thus: CP1602
Marking The resistors are legend marked with type
reference, resistance value, tolerance and manufacturing
date code. Value marking conforms to IEC 62.
Solvent resistance: The vitreous coating and marking are
resistant to all accepted industrial cleaning fluids.
Physical Data
Table 2 Dimensions in millimetres. See fig 2-8 for styles


Similar Description - AWF1609-10RJI

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
V700 WELWYN-V700 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com